Electronic Components Datasheet Search
  English  ▼

X  

LT3482 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3482
Description  90V Boost DC/DC Converter with APD Current Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3482 Datasheet(HTML) 5 Page - Linear Technology

  LT3482 Datasheet HTML 1Page - Linear Technology LT3482 Datasheet HTML 2Page - Linear Technology LT3482 Datasheet HTML 3Page - Linear Technology LT3482 Datasheet HTML 4Page - Linear Technology LT3482 Datasheet HTML 5Page - Linear Technology LT3482 Datasheet HTML 6Page - Linear Technology LT3482 Datasheet HTML 7Page - Linear Technology LT3482 Datasheet HTML 8Page - Linear Technology LT3482 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3482
5
3482fa
PI FU CTIO S
APD (Pin 2): Connect APD cathode to this pin.
MONIN (Pin 3): Current Monitor Power Supply Pin. An
external lowpass filter can be included here to further
reduce supply voltage ripple.
VOUT2 (Pin 4): Voltage Doubler Output Pin. Put a 50V
rated capacitor between this pin and VOUT1. Tie a resistor
divider to the FB pin and GND.
VOUT1 (Pin 5): Boost Output Pin. Put a capacitor between
this pin and the GND plane. Minimize the length of the
trace to the capacitor.
PUMP (Pin 6): Charge Pump Pin. Put a 50V rating bypass
capacitor between SW and PUMP to form a complete volt-
age doubler with the internal integrated Schottky diodes.
Minimize trace length to the capacitor.
SW (Pins 7, 8): Switch Pin. Minimize the trace length on
this pin to reduce EMI.
GND (Pins 9, 10): Ground. Pins connected internally. For
best performance, connect both pins to board ground.
VIN (Pin 11): Input Supply Pin. This pin must be locally
bypassed.
SHDN (Pin 12): Shutdown Pin. Tie to 1.5V or higher to
enable device; 0.4V or less to disable device. This pin also
functions as soft-start between 1.5V and 2V.
CTRL (Pin 13): Internal Reference Override Pin. This allows
the FB voltage to be externally set between 0V and 1.2V.
Tie this pin higher than 1.5V to use the internal reference
of 1.235V.
FB (Pin 14): Feedback Pin. Connect the output resistor
divider tap here.
fSET (Pin 15): Oscillator Frequency Selection Pin. Tie this
pin to above 1.5V or higher to select the higher switching
frequency of 1.1MHz. For lower switching frequency, tie
to GND.
MON (Pin 16): Current Monitor Output Pin. It sources a
current equal to 20% of the APD current and converts to
a reference voltage through an external resistor.
Exposed Pad (Pin 17): GND. This pin must be soldered
to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com