Electronic Components Datasheet Search
  English  ▼

X  

LT3482 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3482
Description  90V Boost DC/DC Converter with APD Current Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3482 Datasheet(HTML) 3 Page - Linear Technology

  LT3482 Datasheet HTML 1Page - Linear Technology LT3482 Datasheet HTML 2Page - Linear Technology LT3482 Datasheet HTML 3Page - Linear Technology LT3482 Datasheet HTML 4Page - Linear Technology LT3482 Datasheet HTML 5Page - Linear Technology LT3482 Datasheet HTML 6Page - Linear Technology LT3482 Datasheet HTML 7Page - Linear Technology LT3482 Datasheet HTML 8Page - Linear Technology LT3482 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3482
3
3482fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device reli-
ability and lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Voltage Low
0.4
V
SHDN Pin Bias Current
35
50
µA
fSET Voltage High
1.5
V
fSET Voltage Low
0.4
V
fSET Bias Current
fSET = 2V
22
40
µA
CTRL to FB Offset
CTRL = 0.5V
●
–5
–10
2
2
10
15
mV
mV
APD Current Monitor Gain
IAPD = 250nA, 10V ≤ MONIN ≤ 90V
IAPD = 2.5mA, 20V ≤ MONIN ≤ 90V
●
●
0.180
0.185
0.20
0.20
0.215
0.215
Monitor Output Voltage Clamp
11.5
V
APD Monitor Voltage Drop
MONIN – APD at IAPD = 1mA, MONIN = 90V
5
V
MONIN Pin Current Limit
APD = 0V, MONIN = 40V
15
mA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, V⎯S⎯H⎯D⎯N = 3V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 2: The LT3482E is guaranteed to meet specified performance from
0°C to 85°C. Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with statisti-
cal process controls. The LT3482I is guaranteed to meet performance
specifications over the –40°C to 125°C operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com