Electronic Components Datasheet Search
  English  ▼

X  

LTC1872 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1872
Description  Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872 Datasheet(HTML) 1 Page - Linear Technology

  LTC1872 Datasheet HTML 1Page - Linear Technology LTC1872 Datasheet HTML 2Page - Linear Technology LTC1872 Datasheet HTML 3Page - Linear Technology LTC1872 Datasheet HTML 4Page - Linear Technology LTC1872 Datasheet HTML 5Page - Linear Technology LTC1872 Datasheet HTML 6Page - Linear Technology LTC1872 Datasheet HTML 7Page - Linear Technology LTC1872 Datasheet HTML 8Page - Linear Technology LTC1872 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1872
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATION
Constant Frequency
Current Mode Step-Up
DC/DC Controller in SOT-23
The LTC
®1872 is a constant frequency current mode step-
up DC/DC controller providing excellent AC and DC load
and line regulation. The device incorporates an accurate
undervoltage lockout feature that shuts down the LTC1872
when the input voltage falls below 2.0V.
The LTC1872 boasts a
±2.5%outputvoltageaccuracyand
consumes only 270
µA of quiescent current. For applica-
tions where efficiency is a prime consideration, the LTC1872
is configured for Burst Mode operation, which enhances
efficiency at low output current.
In shutdown, the device draws a mere 8
µA. The high
550kHz constant operating frequency allows the use of a
small external inductor.
The LTC1872 is available in a small footprint 6-lead
SOT-23.
s
Lithium-Ion-Powered Applications
s
Cellular Telephones
s
Wireless Modems
s
Portable Computers
s
Scanners
s
High Efficiency: Over 90%
s
High Output Currents Easily Achieved
s
Wide VIN Range: 2.5V to 9.8V
s
VOUT Limited Only by External Components
s
Constant Frequency 550kHz Operation
s
Burst Mode
TM Operation at Light Load
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Low Quiescent Current: 270
µA
s
Shutdown Mode Draws Only 8
µA Supply Current
s
±2.5% Reference Accuracy
s
Tiny 6-Lead SOT-23 Package
Efficiency vs Load Current
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
ITH/RUN
LTC1872
147k
422k
80.6k
R1
0.03
Ω
L1
4.7
µH
220pF
C1: TAIYO YUDEN CERAMIC EMK325BJ106MNT
C2: MURATA GRM42-2X5R226K6.3
D1: IR10BQ015
L1: MURATA LQN6C4R7M04
M1: IRLMS2002
R1: DALE 0.25W
GND
VFB
5
4
6
1872 TA01
1
2
3
NGATE
VIN
SENSE–
C1
10
µF
10V
VIN
3.3V
VOUT
5V
1A
C2
2
× 22µF
6.3V
+
M1
D1
Figure 1. LTC1872 High Output Current 3.3V to 5V Boost Converter
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
10
100
1000
1872 TA01b
VIN = 3.3V
VOUT = 5V


Similar Part No. - LTC1872

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1872 LINER-LTC1872 Datasheet
764Kb / 32P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
204Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
More results

Similar Description - LTC1872

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
logo
Analog Devices
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
12/06-Rev. 0 to Rev. A
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
logo
Analog Devices
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
logo
Linear Technology
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com