Electronic Components Datasheet Search
  English  ▼

X  

LTC1872 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1872
Description  Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872 Datasheet(HTML) 4 Page - Linear Technology

  LTC1872 Datasheet HTML 1Page - Linear Technology LTC1872 Datasheet HTML 2Page - Linear Technology LTC1872 Datasheet HTML 3Page - Linear Technology LTC1872 Datasheet HTML 4Page - Linear Technology LTC1872 Datasheet HTML 5Page - Linear Technology LTC1872 Datasheet HTML 6Page - Linear Technology LTC1872 Datasheet HTML 7Page - Linear Technology LTC1872 Datasheet HTML 8Page - Linear Technology LTC1872 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1872
FUNCTIONAL DIAGRA
OPERATIO
(Refer to Functional Diagram)
Main Control Loop
The LTC1872 is a constant frequency current mode switch-
ing regulator. During normal operation, the external
N-channel power MOSFET is turned on each cycle by the
oscillator and turned off when the current comparator
(ICMP) resets the RS latch. The peak inductor current at
which ICMP resets the RS latch is controlled by the voltage
on the ITH/RUN pin, which is the output of the error
amplifier EAMP. An external resistive divider connected
between VOUT and ground allows the EAMP to receive an
output feedback voltage VFB. When the load current in-
creases, it causes a slight decrease in VFB relative to the
0.8V
reference,
which
in
turn
causes
the
ITH/RUN voltage to increase until the average inductor
current matches the new load current.
The main control loop is shut down by pulling the ITH/RUN
pin low. Releasing ITH/RUN allows an internal 0.5µA
current source to charge up the external compensation
network. When the ITH/RUN pin reaches 0.35V, the main
control loop is enabled with the ITH/RUN voltage then
pulled up to its zero current level of approximately 0.7V.
As the external compensation network continues to charge
up, the corresponding output current trip level follows,
allowing normal operation.
SWITCHING
LOGIC AND
BLANKING
CIRCUIT
–
+
–
+
0.15V
0.5
µA
0.3V
SLEEP
OVP
BURST
CMP
SHDN
1.2V
UV
1872FD
VREF
+
60mV
VREF
0.8V
VIN
RS
VOLTAGE
REFERENCE
SLOPE
COMP
ICMP
R
S
Q
FREQ
FOLDBACK
OSC
SENSE–
VIN
5
2
4
–
+
4
EAMP
VFB
–
+
3
NGATE
VIN
6
ITH/RUN
VIN
0.35V
VREF
0.8V
1
–
+
SHDN
CMP
0.3V
GND
–
+
UNDERVOLTAGE
LOCKOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com