Electronic Components Datasheet Search
  English  ▼

X  

LTC1872 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1872
Description  Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872 Datasheet(HTML) 3 Page - Linear Technology

  LTC1872 Datasheet HTML 1Page - Linear Technology LTC1872 Datasheet HTML 2Page - Linear Technology LTC1872 Datasheet HTML 3Page - Linear Technology LTC1872 Datasheet HTML 4Page - Linear Technology LTC1872 Datasheet HTML 5Page - Linear Technology LTC1872 Datasheet HTML 6Page - Linear Technology LTC1872 Datasheet HTML 7Page - Linear Technology LTC1872 Datasheet HTML 8Page - Linear Technology LTC1872 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1872
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
vs Temperature
Undervoltage Lockout Trip
Voltage vs Temperature
Shutdown Threshold
vs Temperature
Maximum Current Sense Trip
Voltage vs Duty Cycle
Normalized Oscillator Frequency
vs Temperature
PIN FUNCTIONS
ITH/RUN (Pin 1): This pin performs two functions. It
serves as the error amplifier compensation point as well as
the run control input. Nominal voltage range for this pin is
0.7V to 1.9V. Forcing this pin below 0.35V causes the
device to be shut down. In shutdown all functions are
disabled and the NGATE pin is held low.
GND (Pin 2): Ground Pin.
VFB (Pin 3): Receives the feedback voltage from an exter-
nal resistive divider across the output.
SENSE– (Pin 4): The Negative Input to the Current Com-
parator.
VIN (Pin 5): Supply Pin. Must be closely decoupled to GND
Pin 2.
NGATE (Pin 6): Gate Drive for the External N-Channel
MOSFET. This pin swings from 0V to VIN.
TEMPERATURE (
°C)
–55
775
780
790
795
800
825
810
–15
25
45
125
1872 G01
785
815
820
805
–35
5
65
85 105
VIN = 4.2V
TEMPERATURE (
°C)
–55
–10
–8
–4
–2
0
10
4
–15
25
45
125
1872 G02
–6
6
8
2
–35
5
65
85 105
VIN = 4.2V
TEMPERATURE (
°C)
–55
1.84
1.88
1.96
2.00
2.04
2.24
2.12
–15
25
45
125
1872 G03
1.92
2.16
2.20
2.08
–35
5
65
85 105
VIN FALLING
DUTY CYCLE (%)
20
30
100
1872 G04
40
50
60
70
80
90
130
120
110
100
90
80
70
60
50
VIN = 4.2V
TA = 25°C
TEMPERATURE (
°C)
–55
200
240
320
360
400
600
480
–15
25
45
125
1872 G05
280
520
560
440
–35
5
65
85 105
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com