Electronic Components Datasheet Search
  English  ▼

X  

LTC2901 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2901
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901 Datasheet(HTML) 1 Page - Linear Technology

  LTC2901 Datasheet HTML 1Page - Linear Technology LTC2901 Datasheet HTML 2Page - Linear Technology LTC2901 Datasheet HTML 3Page - Linear Technology LTC2901 Datasheet HTML 4Page - Linear Technology LTC2901 Datasheet HTML 5Page - Linear Technology LTC2901 Datasheet HTML 6Page - Linear Technology LTC2901 Datasheet HTML 7Page - Linear Technology LTC2901 Datasheet HTML 8Page - Linear Technology LTC2901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC2901
2901fb
Programmable Quad Supply
Monitor with Adjustable Reset
and Watchdog Timers
■ Simultaneously Monitors Four Supplies
■ 16 User Selectable Combinations of 5V, 3.3V, 3V,
2.5V, 1.8V, 1.5V and/or
±Adj Voltage Thresholds
■ Guaranteed Threshold Accuracy:
±1.5% of
Monitored Voltage Over Temperature
■ Selectable Supply Tolerance: 5% and 10% Below
Monitored Voltage (LTC2901-3/LTC2901-4)
■ Low Supply Current: 43
μA Typ
■ Adjustable Reset Time
■ Adjustable Watchdog Time
■ Open-Drain RST Output (LTC2901-1/LTC2901-3)
■ Push-Pull RST Output (LTC2901-2/LTC2901-4)
■ Individual Nondelayed Monitor Output for Each Supply
■ Power Supply Glitch Immunity
■ Guaranteed RST for VCC ≥ 1V
■ 16-Lead Narrow SSOP Package
The LTC
®2901 is a programmable supply monitor for
systems with up to four supply voltages. One of 16 preset
or adjustable voltage monitor combinations can be se-
lected using an external resistor divider connected to the
program pin. The preset voltage thresholds are accurate
to
±1.5% over temperature. All four voltage comparator
outputs are connected to separate pins for individual
supply monitoring.
The reset and watchdog delay times are adjustable using
external capacitors. Tight voltage threshold accuracy and
glitch immunity ensure reliable reset operation without
false triggering. The RST output is guaranteed to be in the
correct state for VCC down to 1V. The LTC2901-1/
LTC2901-3 features an open-drain RST output, while the
LTC2901-2/LTC2901-4 has a push-pull RST output.
The 43
μA supply current makes the LTC2901 ideal for
power conscious systems and it may be configured to
monitor less than four inputs. The parts are available in
the 16-lead narrow SSOP package.
Quadruple Supply Monitor (5V, 3.3V, 2.5V, 1.8V)
■
Desktop and Notebook Computers
■ Multivoltage Systems
■ Telecom Equipment
■
Portable Battery-Powered Equipment
■ Network Servers
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
V1
V2
VREF
VPG
COMP1
COMP2
COMP3
COMP4
WDI
WDO
RST
GND
R1
59k
1%
R3
10k POWER
GOOD
R2
40.2k
1%
CWT
47nF
CRT
47nF
C2
0.1
μF
C1
0.1
μF
V4
V3
LTC2901-2
CWT
CRT
tRST = 216ms
tWD = 940ms
2901 TA01
DC/DC
CONVERTER
1.8V
2.5V
3.3V
5V
SYSTEM
LOGIC
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
Quadruple Supply Monitor (5V, 3.3V, 2.5V, 1.8V)
10% Undervoltage Monitoring, Watchdog Asserts RST
V1
V2
VREF
VPG
COMP1
COMP2
COMP3
COMP4
WDI
TOL
RST
GND
R1
59k
1%
R3
10k POWER
GOOD
R2
40.2k
1%
CWT
47nF
5V
CRT
47nF
C2
0.1
μF
C1
0.1
μF
V4
V3
LTC2901-4
CWT
CRT
tRST = 216ms
tWD = 940ms
2901 TA01b
DC/DC
CONVERTER
1.8V
2.5V
3.3V
5V
SYSTEM
LOGIC
Patent Pending.


Similar Part No. - LTC2901

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2901 LINER-LTC2901 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC2901 LINER-LTC2901 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2901 LINER-LTC2901 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC2901

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com