Electronic Components Datasheet Search
  English  ▼

X  

LTC2901 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2901
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901 Datasheet(HTML) 3 Page - Linear Technology

  LTC2901 Datasheet HTML 1Page - Linear Technology LTC2901 Datasheet HTML 2Page - Linear Technology LTC2901 Datasheet HTML 3Page - Linear Technology LTC2901 Datasheet HTML 4Page - Linear Technology LTC2901 Datasheet HTML 5Page - Linear Technology LTC2901 Datasheet HTML 6Page - Linear Technology LTC2901 Datasheet HTML 7Page - Linear Technology LTC2901 Datasheet HTML 8Page - Linear Technology LTC2901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC2901
2901fb
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25
°C. VCC = 5V, unless otherwise noted. (Notes 3, 4)
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and
lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to GND
unless otherwise noted.
Note 3: The greater of V1, V2 is the internal supply voltage (VCC).
Note 4: 10% thresholds apply to the LTC2901-3/LTC2901-4 only when the
TOL pin is set to a logic high.
Note 5: Under static no-fault conditions, V1 will necessarily supply quiescent
current. If at any time V2 is larger than V1, V2 must be capable of supplying
the quiescent current, programming (transient) current and reference load
current.
Note 6: The output pins RST, WDO and COMPX have internal pull-ups to V2
of typically 6
μA. However, external pull-up resistors may be used when faster
rise times are required or for VOH voltages greater than V2.
Note 7: The push-pull RST output pin on the LTC2901-2/LTC2901-4 is
actively pulled up to V2.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCCMINP
Minimum Required for Programming
VCC Rising
●
2.42
V
VCCMINC
Minimum Required for Comparators
VCC Falling
●
2.32
V
VREF
Reference Voltage
VCC ≥ 2.3V, IVREF = ±1mA, CREF ≤ 1000pF
T0L Low
●
1.192
1.210
1.228
V
T0L High
●
1.128
1.146
1.163
V
VPG
Programming Voltage Range
VCC ≥ VCCMINP
●
0VREF
V
IVPG
VPG Input Current
VPG = VREF
●
±20
nA
IV1
V1 Input Current
V1 = 5V, IVREF = 12μA, (Note 5)
●
43
75
μA
IV2
V2 Input Current
V2 = 3.3V
●
0.8
2
μA
IV3
V3 Input Current
V3 = 2.5V
●
0.52
1.2
μA
V3 = 0.55V (ADJ Mode)
●
–15
15
nA
IV4
V4 Input Current
V4 = 1.8V
●
0.34
0.8
μA
V4 = 0.55V (ADJ Mode)
●
–15
15
nA
V4 = –0.05V (–ADJ Mode)
●
–15
15
nA
ICRT(UP)
CRT Pull-Up Current
VCRT = 0V
●
–1.4
–2
–2.6
μA
ICRT(DN)
CRT Pull-Down Current
VCRT = 1.3V
●
10
20
30
μA
tRST
Reset Time-Out Period
CRT = 1500pF
●
579
ms
tUV
VX Undervoltage Detect to RST or COMPX
VX Less Than Reset Threshold VRTX
150
μs
by More Than 1%
VOL
Output Voltage Low RST, COMPX
ISINK = 2.5mA; V1 = 3V, V2 = 3V;
●
0.15
0.4
V
V3, V4 = 0V; VPG = 0V
ISINK = 100μA; V2 = 1V; V1, V3, V4 = 0V
●
0.05
0.3
V
ISINK = 100μA; V1 = 1V; V2, V3, V4 = 0V
●
0.05
0.3
V
VOH
Output Voltage High RST, WDO, COMPX
ISOURCE = 1μA
●
V2 – 1
V
(Note 6)
VOL
Output Voltage Low WDO
ISINK = 2.5mA; V1 = 5V, V2 = 3.3V;
●
0.15
0.4
V
V3, V4 = 1V; VPG = 0V
VOH
Output Voltage High RST
ISOURCE = 200μA
●
0.8 • V2
V
(LTC2901-2/LTC2901-4) (Note 7)
ICWT(UP)
CWT Pull-Up Current
VCWT = 0V
●
–1.4
–2
–2.6
μA
ICWT(DN)
CWT Pull-Down Current
VCWT = 1.3V
●
10
20
30
μA
tWD
Watchdog Time-Out Period
CWT = 1500pF
●
20
30
40
ms
VIH
WDI Input Threshold High
VCC = 3.3V to 5.5V
●
1.6
V
VIL
WDI Input Threshold Low
VCC = 3.3V to 5.5V
●
0.4
V
tWP
WDI Input Pulse Width
VCC = 3.3V
●
150
ns
IWDI
WDI Pull-Up Current
VWDI = 0V
–10
μA
Digital Input T0L
VIL
T0L Low Level Input Voltage
VCC = 3.3V to 5.5V
●
0.3VCC
V
VIH
T0L High Level Input Voltage
VCC = 3.3V to 5.5V
●
0.7VCC
V
IINTOL
T0L Input Current
TOL = VCC
●
±0.1
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com