Electronic Components Datasheet Search
  English  ▼

X  

LTC2901 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2901
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901 Datasheet(HTML) 4 Page - Linear Technology

  LTC2901 Datasheet HTML 1Page - Linear Technology LTC2901 Datasheet HTML 2Page - Linear Technology LTC2901 Datasheet HTML 3Page - Linear Technology LTC2901 Datasheet HTML 4Page - Linear Technology LTC2901 Datasheet HTML 5Page - Linear Technology LTC2901 Datasheet HTML 6Page - Linear Technology LTC2901 Datasheet HTML 7Page - Linear Technology LTC2901 Datasheet HTML 8Page - Linear Technology LTC2901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2901
2901fb
TI I G DIAGRA S
VX Monitor Timing
tRST
2901 TD
VRTX
VX
RST
COMPX
tUV
1.5V
Watchdog Timing (LTC2901-1/LTC2901-2)
tRST
tWP
tWD
tWD
2901 TD2
RST
WDI
WDO
TEST CIRCUITS
Figure 1. RST, WDO, COMPX VOH Test
V1
V2
V3
V4
2901 F01
LTC2901-1
LTC2901-3
RST, WDO
OR COMPX
ISOURCE
1
μA
Figure 2. RST, WDO, COMPX VOL Test
V1
V2
V3
V4
2901 F02
LTC2901-1
LTC2901-3
ISINK
2.5mA,
100
μA
RST, WDO
OR COMPX
Figure 3. Active Pull-Up RST VOH Test
V1
V2
V3
V4
2901 F03
LTC2901-2
LTC2901-4
RST
ISOURCE
200
μA
Watchdog Timing (LTC2901-3/LTC2901-4)
tRST
tRST
tWP
tWD
2901 TD3
RST
WDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com