Electronic Components Datasheet Search
  English  ▼

X  

LTC2912 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2912
Description  Single UV/OV Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912 Datasheet(HTML) 1 Page - Linear Technology

  LTC2912 Datasheet HTML 1Page - Linear Technology LTC2912 Datasheet HTML 2Page - Linear Technology LTC2912 Datasheet HTML 3Page - Linear Technology LTC2912 Datasheet HTML 4Page - Linear Technology LTC2912 Datasheet HTML 5Page - Linear Technology LTC2912 Datasheet HTML 6Page - Linear Technology LTC2912 Datasheet HTML 7Page - Linear Technology LTC2912 Datasheet HTML 8Page - Linear Technology LTC2912 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC2912
1
2912fb
For more information www.linear.com/LTC2912
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Single UV/OV
Voltage Monitor
TheLTC®2912voltagemonitorisdesignedtodetectpower
supply undervoltage and overvoltage events. The VL and
VH monitor inputs include filtering to reject brief glitches,
thereby ensuring reliable reset operation without false or
noisy triggering. An adjustable timer defines the duration
of the overvoltage and undervoltage reset outputs which
function independently. While the LTC2912 operates
directly from 2.3V to 6V supplies, an internal VCC shunt
regulator coupled with low supply current demand allows
operation from higher voltages such as 12V, 24V or 48V.
Three output configurations are available: the LTC2912‑1
has a latch control for the OV output; the LTC2912‑2
has an OV and UV output disable feature for margining
applications; the LTC2912‑3 is identical to the LTC2912‑1
but with a noninverting, OV output.
TheLTC2912providesaprecise,versatile,space‑conscious
micropower solution for voltage monitoring.
n
Monitors Single Voltage
n
Adjustable UV and OV Trip Values
n
Guaranteed Threshold Accuracy: ±1.5%
n
Power Supply Glitch Immunity
n
Adjustable Reset Timeout with Timeout Disable
n
29µA Quiescent Current
n
Open‑Drain OV and UV Outputs
n
Guaranteed OV and UV for VCC ≥ 1V
n
Available in 8‑Lead ThinSOTTM and (3mm × 2mm)
DFN Packages
n
Desktop and Notebook Computers
n
Network Servers
n
Core, I/O Voltage Monitors
Single OV/UV Supply Monitor, 3.3V ±10% Tolerance
Reset Time-Out Period vs Capacitance
1k
27.4k
VH
VL
GND
TMR
SYSTEM
POWER
SUPPLY
OV
UV
2912 TA01a
LATCH
22nF TIMEOUT = 200ms
4.53k
VCC
LTC2912-1
0.1µF
3.3V
TMR PIN CAPACITANCE, CTMR (nF)
10
100
1000
10000
0.1
10
100
1000
2912 G08
1
1
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.


Similar Part No. - LTC2912

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912 LINER-LTC2912 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2912 LINER-LTC2912 Datasheet
291Kb / 24P
High Voltage Surge
LTC2912 LINER-LTC2912 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
More results

Similar Description - LTC2912

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
Single UV/OV Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
Dual UV/OV Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com