Electronic Components Datasheet Search
  English  ▼

X  

LTC2912 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2912
Description  Single UV/OV Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2912 Datasheet HTML 6Page - Linear Technology LTC2912 Datasheet HTML 7Page - Linear Technology LTC2912 Datasheet HTML 8Page - Linear Technology LTC2912 Datasheet HTML 9Page - Linear Technology LTC2912 Datasheet HTML 10Page - Linear Technology LTC2912 Datasheet HTML 11Page - Linear Technology LTC2912 Datasheet HTML 12Page - Linear Technology LTC2912 Datasheet HTML 13Page - Linear Technology LTC2912 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC2912
14
2912fb
For more information www.linear.com/LTC2912
LINEAR TECHNOLOGY CORPORATION 2006
LT 0614 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035‑7417
(408)432‑1900 ● FAX: (408) 434‑0507 ● www.linear.com/LTC2912
RELATED PARTS
TYPICAL APPLICATION
Single UV/OV Supply Monitor with 3.3V ±10%
PART NUMBER
DESCRIPTION
COMMENTS
LTC690
5V Supply Monitor, Watchdog Timer and Battery Backup
4.65 Threshold
LTC694‑3.3
3.3V Supply Monitor, Watchdog Timer and Battery Backup
2.9V Threshold
LTC699
5V Supply Monitor and Watchdog Timer
4.65 Threshold
LTC1232
5V Supply Monitor, Watchdog Timer and Push‑Button Reset
4.37V/4.62V Threshold
LTC1326/
LTC1326‑2.5
Micropower Precision Triple Supply Monitor for 5V/2.5V, 3.3V
and ADJ
4.725V, 3.118V, 1V Threshold (±0.75%)
LTC1536
Precision Triple Supply Monitor for PCI Applications
Meets PCI tFAIL Timing Specifications
LTC1726‑2.5/
LTC1726‑5
Micropower Triple Supply Monitor for 2.5V/5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time‑Outs
LTC1728‑1.8/
LTC1728‑3.3
Micropower Triple Supply Monitor with Open‑Drain Reset
5‑Lead SOT‑23 Package
LTC1985‑1.8
Micropower Triple Supply Monitor with Open‑Drain Reset
5‑Lead SOT‑23 Package
LTC2900
Programmable Quad Supply Monitor
Adjustable RESET, 10‑Lead MSOP and 3mm
× 3mm
10‑Lead DFN Package
LTC2901
Programmable Quad Supply Monitor
Adjustable RESET and Watchdog Timer, 16‑Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Adjustable RESET and Tolerance, 16‑Lead SSOP Package,
Margining Functions
LTC2903‑1
Precision Quad Supply Monitor
6‑Lead TSOT‑23 Package, Ultralow Voltage Reset
LTC2904
3‑State Programmable Precision Dual Supply Monitor
Adjustable Tolerance, 8‑Lead TSOT‑23 Package
LTC2905
3‑State Programmable Precision Dual Supply Monitor
Adjustable RESET and Tolerance, 8‑Lead TSOT‑23 Package
LTC2906
Precision Dual Supply Monitor 1‑Selectable and 1 Adjustable
Separate VCC Pin, RST/RST Outputs
LTC2907
Precision Dual Supply Monitor 1‑Selectable and 1 Adjustable
Separate VCC, Adjustable Reset Timer
LTC2908
Precision Six Supply Monitor (Four Fixed and 2 Adjustable)
8‑Lead TSOT‑23 and DFN Packages
LTC2909
Prevision Dual Input UV, OV and Negative Voltage Monitor
Separate VCC Pin, Adjustable Reset Timer, 8‑Lead TSOT‑23 and DFN
Packages
LTC2913
Dual UV/OV Voltage Monitor
Separate VCC Pin, Two Inputs, Adjustable Reset Timer, 10‑Lead
MSOP and DFN Packages
LTC2914
Quad UV/OV Positive/Negative Voltage Monitor
Separate VCC Pin, Four inputs, Up To Two Negative Monitors,
Adjustable Reset Timer, 16‑Lead TSSOP and DFN Packages
1k
27.4k
10k
Q1
VH
VL
GND
TMR
SYSTEM
POWER
SUPPLY
OV
UV
2912 TA05
LATCH
22nF TIMEOUT = 200ms
4.53k
VCC
LTC2912-3
0.1µF
3.3V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com