Electronic Components Datasheet Search
  English  ▼

X  

LTC2912 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2912
Description  Single UV/OV Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912 Datasheet(HTML) 3 Page - Linear Technology

  LTC2912 Datasheet HTML 1Page - Linear Technology LTC2912 Datasheet HTML 2Page - Linear Technology LTC2912 Datasheet HTML 3Page - Linear Technology LTC2912 Datasheet HTML 4Page - Linear Technology LTC2912 Datasheet HTML 5Page - Linear Technology LTC2912 Datasheet HTML 6Page - Linear Technology LTC2912 Datasheet HTML 7Page - Linear Technology LTC2912 Datasheet HTML 8Page - Linear Technology LTC2912 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC2912
3
2912fb
For more information www.linear.com/LTC2912
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2912CTS8‑1#TRMPBF LTC2912CTS8‑1#TRPBF
LTCJW
8‑Lead Plastic TSOT‑23
0°C to 70°C
LTC2912ITS8‑1#TRMPBF LTC2912ITS8‑1#TRPBF
LTCJW
8‑Lead Plastic TSOT‑23
–40°C to 85°C
LTC2912HTS8‑1#TRMPBF LTC2912HTS8‑1#TRPBF
LTCJW
8‑Lead Plastic TSOT‑23
–40°C to 125°C
LTC2912CDDB‑1#TRMPBF LTC2912CDDB‑1#TRPBF LCJZ
8‑Lead (3mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2912IDDB‑1#TRMPBF LTC2912IDDB‑1#TRPBF
LCJZ
8‑Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2912HDDB‑1#TRMPBF LTC2912HDDB‑1#TRPBF LCJZ
8‑Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC2912CTS8‑2#TRMPBF LTC2912CTS8‑2#TRPBF
LTCJX
8‑Lead Plastic TSOT‑23
0°C to 70°C
LTC2912ITS8‑2#TRMPBF LTC2912ITS8‑2#TRPBF
LTCJX
8‑Lead Plastic TSOT‑23
–40°C to 85°C
LTC2912HTS8‑2#TRMPBF LTC2912HTS8‑2#TRPBF
LTCJX
8‑Lead Plastic TSOT‑23
–40°C to 125°C
LTC2912CDDB‑2#TRMPBF LTC2912CDDB‑2#TRPBF LCKB
8‑Lead (3mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2912IDDB‑2#TRMPBF LTC2912IDDB‑2#TRPBF
LCKB
8‑Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2912HDDB‑2#TRMPBF LTC2912HDDB‑2#TRPBF LCKB
8‑Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC2912CTS8‑3#TRMPBF LTC2912CTS8‑3#TRPBF
LTCJY
8‑Lead Plastic TSOT‑23
0°C to 70°C
LTC2912ITS8‑3#TRMPBF LTC2912ITS8‑3#TRPBF
LTCJY
8‑Lead Plastic TSOT‑23
–40°C to 85°C
LTC2912HTS8‑3#TRMPBF LTC2912HTS8‑3#TRPBF
LTCJY
8‑Lead Plastic TSOT‑23
–40°C to 125°C
LTC2912CDDB‑3#TRMPBF LTC2912CDDB‑3#TRPBF LCKC
8‑Lead (3mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2912IDDB‑3#TRMPBF LTC2912IDDB‑3#TRPBF
LCKC
8‑Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2912HDDB‑3#TRMPBF LTC2912HDDB‑3#TRPBF LCKC
8‑Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com