Electronic Components Datasheet Search
  English  ▼

X  

LTC2930 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2930
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2930 Datasheet(HTML) 2 Page - Linear Technology

  LTC2930 Datasheet HTML 1Page - Linear Technology LTC2930 Datasheet HTML 2Page - Linear Technology LTC2930 Datasheet HTML 3Page - Linear Technology LTC2930 Datasheet HTML 4Page - Linear Technology LTC2930 Datasheet HTML 5Page - Linear Technology LTC2930 Datasheet HTML 6Page - Linear Technology LTC2930 Datasheet HTML 7Page - Linear Technology LTC2930 Datasheet HTML 8Page - Linear Technology LTC2930 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC2930
2
2930fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
V1, V2, V3, V4, V5, V6, VPG, RST................ –0.3V to 7V
CRT, VREF, MR............................... –0.3V to (VCC + 0.3V)
Reference Load Current (IVREF)..............................±1mA
V4 Input Current (–ADJ Mode) ..............................–1mA
RST Current .........................................................±10mA
Operating Temperature Range
LTC2930C ................................................ 0°C to 70°C
LTC2930I.............................................. –40°C to 85°C
LTC2930H .......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
(Notes 1, 2, 3)
TOP VIEW
DD PACKAGE
12-LEAD (3mm × 3mm) PLASTIC DFN
12
11
13
8
9
10
4
5
3
2
1
V6
V2
V4
VREF
VPG
GND
V5
V3
V1
CRT
RST
MR 6
7
TJMAX = 130°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) IS GND
(PCB CONNECTION OPTIONAL)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2930CDD#PBF
LTC2930CDD#TRPBF
LDMJ
12-Lead 3mm × 3mm DFN
0°C to 70°C
LTC2930IDD#PBF
LTC2930IDD#TRPBF
LDMJ
12-Lead 3mm × 3mm DFN
–40°C to 85°C
LTC2930HDD#PBF
LTC2930HDD#TRPBF
LDMJ
12-Lead 3mm × 3mm DFN
–40°C to 125°C
*The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Minimum Internal Operating Voltage
RST in Correct Logic State
●
1V
VCCMINP
Minimum Required for Mode Selection
VCC Rising
●
2.4
V
VRT50
5V, 5% Reset Threshold
V1 Input Threshold
●
4.600
4.675
4.750
V
VRT33
3.3V, 5% Reset Threshold
V1, V2 Input Threshold
●
3.036
3.086
3.135
V
VRT30
3V, 5% Reset Threshold
V2 Input Threshold
●
2.760
2.805
2.850
V
VRT25
2.5V, 5% Reset Threshold
V2, V3 Input Threshold
●
2.300
2.338
2.375
V
VRT18
1.8V, 5% Reset Threshold
V3, V4 Input Threshold
●
1.656
1.683
1.710
V
VRT15
1.5V, 5% Reset Threshold
V3, V4 Input Threshold
●
1.380
1.403
1.425
V
VRTA
ADJ Reset Threshold
V3, V4, V5, V6 Input Threshold
●
492.5
500
507.5
mV
VRTAN
–ADJ Reset Threshold
V4 Input Threshold
●
–18
0
18
mV
VREF
Reference Voltage
VCC ≥ 2.3V, IVREF = ±1mA, CREF ≤ 1000pF
●
1.192
1.210
1.228
V
VPG
Mode Selection Voltage Range
VCC ≥ VCCMINP
●
0VREF
V
IVPG
VPG Input Current
VPG = VREF
●
±20
nA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise specified. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com