Electronic Components Datasheet Search
  English  ▼

X  

LTC2930 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2930
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2930 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2930 Datasheet HTML 2Page - Linear Technology LTC2930 Datasheet HTML 3Page - Linear Technology LTC2930 Datasheet HTML 4Page - Linear Technology LTC2930 Datasheet HTML 5Page - Linear Technology LTC2930 Datasheet HTML 6Page - Linear Technology LTC2930 Datasheet HTML 7Page - Linear Technology LTC2930 Datasheet HTML 8Page - Linear Technology LTC2930 Datasheet HTML 9Page - Linear Technology LTC2930 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC2930
6
2930fa
PIN FUNCTIONS
A/D
BUFFER
1.210V
8
VPG
3
V1
11
V2
2
V3
10
V4
1
V5
12
V6
9
VREF
4
0.5V
4
2931 BD
BANDGAP
REFERENCE
ADJUSTABLE
RESET PULSE
GENERATOR
POWER
DETECT
V1
V2
VCC
4 CRT
6 MR
CRT
VCC
VCC
22μA
RESISTIVE
DIVIDER
MATRIX
4
–
+
7
GND
V2
6μA
2μA
5
RST
CMP1-4
CMP5
CMP6
10μA
MR (Pin 6): Manual Reset Input. A logic low on this
pin pulls RST low. When the MR pin returns high, RST
returns high after the configured reset timeout if all six
voltage inputs are above threshold. A weak internal pull-up
allows the pin to be left open for normal monitor operation.
When using a switch, the switch is debounced through
the reset circuitry using the delay provided by the CRT
timing capacitor.
GND (Pin 7): Ground.
VPG (Pin 8): Threshold Select Input. Connect to an external
1% resistive divider between VREF and GND to select 1
of 16 combinations and/or ±adjustable voltage thresholds
(See Table 1). Do not add capacitance on the VPG pin.
VREF (Pin 9): Buffered Reference Voltage Output. A
1.210V nominal reference used for the mode selection
voltage (VPG) and for the offset of negative adjustable
applications. The buffered reference can source and sink
up to 1mA. The reference can drive a bypass capacitor of
up to 1000pF without oscillation.
V4 (Pin 10): Voltage Input 4. Select from 1.8V, 1.5V, ADJ
or –ADJ. See Applications Information for details. Tie to
V1 if unused.
V2 (Pin 11): Voltage Input 2. Select from 3.3V, 3V or 2.5V.
See Applications Information for details. The greater of V1,
V2 is also VCC for the device. Bypass this pin to ground
with a 0.1μF (or greater) capacitor. RST is weakly pulled
up to V2.
V6 (Pin 12): Adjustable Voltage Input 6. High impedance
comparator input with 0.5V typical threshold. See
Applications Information for details. Tie to V1 if unused.
Exposed Pad (Pin 13): Exposed pad may be left open or
connected to device ground.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com