Electronic Components Datasheet Search
  English  ▼

X  

LTC2930 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2930
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2930 Datasheet(HTML) 4 Page - Linear Technology

  LTC2930 Datasheet HTML 1Page - Linear Technology LTC2930 Datasheet HTML 2Page - Linear Technology LTC2930 Datasheet HTML 3Page - Linear Technology LTC2930 Datasheet HTML 4Page - Linear Technology LTC2930 Datasheet HTML 5Page - Linear Technology LTC2930 Datasheet HTML 6Page - Linear Technology LTC2930 Datasheet HTML 7Page - Linear Technology LTC2930 Datasheet HTML 8Page - Linear Technology LTC2930 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC2930
4
2930fa
TEMPERATURE (°C)
–50
1.005
1.010
1.015
25
75
2930 G01
1.000
0.995
–25
0
50
100
125
0.990
0.985
TEMPERATURE (°C)
–50
6
12
18
25
75
2930 G02
0
–6
–25
0
50
100
125
–12
–18
TEMPERATURE (°C)
–50
1.216
1.222
1.228
25
75
2930 G03
1.210
1.204
–25
0
50
100
125
1.198
1.192
TEMPERATURE (°C)
–50
60
65
70
25
75
2930 G04
55
50
–25
0
50
100
125
45
40
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
V5 = V6 = 1V
V4 (mV)
2930 G05
–100μ
–10μ
–1μ
–100n
–10n
–1n
–100p
–300
125°C
90°C
25°C
–250
–200
–50
0
–100
–150
RESET COMPARATOR OVERDRIVE (% OF VRTX)
0.1
0
200
250
300
1
10
100
2930 G06
150
100
50
TA = 25°C
RESET OCCURS ABOVE CURVE
RESET COMPARATOR OVERDRIVE (% OF VRTX)
0.1
0
300
375
450
1
10
100
2930 G07
225
150
75
TA = 25°C
RESET OCCURS ABOVE CURVE
V1 (V)
0
0
1
2
3
4
5
6
123
4
2930 G08
5
TA = 25°C
10k PULL-UP FROM RST TO V1
TEMPERATURE (°C)
–50
1
2
3
4
5
–25
0
25
50
2930 G09
75
100
125
CRT = 1500pF
(SILVER MICA)
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized Threshold Voltages
vs Temperature
–ADJ Threshold Voltage
vs Temperature
VREF vs Temperature
Supply Current vs Temperature
Transient Duration vs Comparator
Overdrive (V1,V2)
Transient Duration vs Comparator
Overdrive (V3, V4, V5, V6)
RST Output Voltage
vs V1, VPG = GND
I(V4) vs V4 in Negative
Adjust Mode
Reset Timeout Period
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com