Electronic Components Datasheet Search
  English  ▼

X  

LTC3216 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology LTC3216 Datasheet HTML 10Page - Linear Technology LTC3216 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3216
7
3216fc
OPERATION
connected between the ISET2 or ISET1 pin and GND. The
resistor values needed to attain the desired current levels
can be determined by equation 1.
RSET1/2 = 3965/ILED
(1)
A resistor value of 2kΩ or less (i.e. a short-circuit) will
cause the LTC3216 to enter overcurrent shutdown mode.
This mode will prevent damage to the part by shutting
down the high power sections of the chip.
Regulation is achieved by sensing the voltage at the CPO
pin and modulating the charge pump strength based
on the error signal. The CPO regulation voltages are set
internally, and are dependent on the charge pump mode
as shown in Table 1.
Table 1. Charge Pump Output Regulation Voltages
CHARGE PUMP MODE
VCPO
1.5x
4.6V
2x
5.1V
In shutdown mode all circuitry is turned off and the
LTC3216 draws a very low current from the VIN supply.
Furthermore, CPO is weakly connected to VIN.TheLTC3216
enters shutdown mode when both the EN1 and EN2 pins
are brought low. Since EN1 and EN2 are high impedance
CMOS inputs they should never be allowed to float. To
ensure that their states are defined they must always be
driven with valid logic levels.
Thermal Protection
The LTC3216 has built-in overtemperature protection. Ther-
mal shutdown circuitry will shutdown the ILED output when
the junction temperature exceeds approximately 150°C. It
will re-enable the ILEDoutputoncethejunctiontemperature
drops back to approximately 135°C. The LTC3216 will cycle
in and out of thermal shutdown indefinitely without latch
up or damage until the heat source is removed.
Soft-Start
To prevent excessive inrush current during start-up and
mode switching, the LTC3216 employs built-in soft-start
circuitry. Soft-start is achieved by increasing the amount
of current available to the output charge storage capacitor
linearly over a period of approximately 250μs.
Charge Pump Strength
When the LTC3216 operates in either the 1.5x mode or
2x mode, the charge pump can be modeled as a Theve-
nin-equivalent circuit to determine the amount of current
available from the effective input voltage and effective
open-loop output resistance, ROL(Figure 1).
Figure 1. Charge Pump Open-Loop Thevenin-Equivalent Circuit
–
+
+
–
CPO
ROL
1.5VIN
OR
2VIN
ROL is dependent on a number of factors including the
oscillator frequency, flying capacitor values and switch
resistances.
From Figure 1, we can see that the output current is
proportional to:
(1.5VIN – CPO)/ROL or (2VIN – CPO)/ROL
(2)
in the 1.5x mode or 2x mode respectively.
Current Levels
The LTC3216 may be programmed to have three discrete
current levels. These are the LOW, HIGH and LOW +
HIGH current levels. The LOW and HIGH currents are set
by the resistors connected between ISET1 and ISET2 pins,
respectively, to GND. The LOW + HIGH current mode
supplies a current that is equal to sum of the LOW and
HIGH currents.
Due to the low output impedance of this part, care should
be taken in selecting current levels. This part can supply up
to 500mA continuously, and up to 1A for pulsed operation
with a 10% duty cycle. Pulsed operation may be achieved
by toggling the EN1 and EN2 bits. In either continuous
or pulsed operation, proper board layout is required for
effective heat sinking.
Mode Switching
The LTC3216 will automatically switch from 1x mode to
1.5x mode, and subsequently from 1.5x mode to 2x mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com