Electronic Components Datasheet Search
  English  ▼

X  

LTC3216 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 1 Page - Linear Technology

  LTC3216 Datasheet HTML 1Page - Linear Technology LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3216
1
3216fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1A Low Noise High Current
LED Charge Pump with
Independent Torch/Flash Current Control
The LTC®3216 is a low noise, high current charge pump
DC/DC converter designed to power high current LEDs.
The part includes an accurate programmable current
source capable of driving loads up to 1A from a 2.9V to
4.4V input. Low external parts count (two flying capacitors,
two programming resistors and two bypass capacitors at
VIN and CPO) make the LTC3216 ideally suited for small,
battery-powered applications.
Built-in soft-start circuitry prevents excessive inrush cur-
rent during start-up. High switching frequency enables
the use of small external capacitors. Independent high
and low current settings are programmed by two external
resistors. Shutdown mode and current output levels are
selected via two logic inputs.
An ultralow dropout current source maintains accurate
LED current at very low ILED voltages. Automatic mode
switching optimizes efficiency by monitoring the voltage
across the LED current source and switching modes only
when ILED dropout is detected. The LTC3216 is available
in a small 3mm
× 4mm 12-Lead DFN package.
Torch Mode Efficiency vs VIN
n High Efficiency Operation: 1x, 1.5x or 2x Boost
Modes with Automatic Mode Switching
n Ultralow Dropout ILED Current Control
n Output Current up to 1A
n Low Noise Constant Frequency Operation
n Independent Low Current/High Current
Programming and Enable Pins
n Wide VIN Range: 2.9V to 4.4V
n Open/Shorted LED Protection
n LED Disconnect in Shutdown
n Low Shutdown Current: 2.5μA
n 4% LED Current Programming Accuracy
n Automatic Soft-Start Limits Inrush Current
n No Inductors
n Tiny Application Circuit (All Components <1mm
Profile)
n 3mm
× 4mm 12-Lead DFN Package
n LED Torch/Camera Light Supply for Cell Phones,
PDAs and Digital Cameras
n Generic Lighting and/or Flash/Strobe Applications
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6411531.
EN1
0
1
0
1
C1
2.2μF
C2
2.2μF
CIN
2.2μF
CCPO
4.7μF
LED1
ILED
VIN
2.9V TO 4.4V
EN2
EN1
LTC3216
C1+
C1– C2+
C2–
ISET1
ISET2
0 (SHUTDOWN)
200mA (TORCH)
600mA
800mA (FLASH)
EN2
0
0
1
1
3216 TA01a
LED1: LUMILEDS LXCL-PWF1 LUXEON FLASH
CPO
20k
1%
6.65k
1%
EN2 (FLASH)
EN1 (TORCH)
ILED
VIN (V)
2.8
100
90
80
70
60
50
40
30
20
10
0
3.2
3.6
3.8
3216 TA01b
3.0
3.4
4.0
4.2
4.4
PLED/PIN
LUMILEDS LXCL-PWF1
VF = 3V TYP AT 200mA
ILED = 200mA


Similar Part No. - LTC3216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3216 LINER-LTC3216 Datasheet
102Kb / 12P
1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
LTC3216EDE LINER-LTC3216EDE Datasheet
102Kb / 12P
1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
More results

Similar Description - LTC3216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3216 LINER-LTC3216 Datasheet
102Kb / 12P
1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
LTC3215 LINER-LTC3215 Datasheet
162Kb / 12P
700mA Low Noise High Current LED Charge Pump
logo
California Micro Device...
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
Low Noise Charge Pump/Linear Regulator LED Driver
logo
Taiwan Memory Technolog...
T6313A TMT-T6313A Datasheet
90Kb / 10P
Low Noise, High Efficiency WhiteLED Charge Pump
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
logo
Linear Technology
LTC3215 LINER-LTC3215_15 Datasheet
669Kb / 14P
700mA Low Noise High Current LED Charge Pump
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
logo
Eutech Microelectronics...
EUP3611 EUTECH-EUP3611 Datasheet
436Kb / 1P
1A Charge Pump LED Driver
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
High Voltage, Low Noise Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com