Electronic Components Datasheet Search
  English  ▼

X  

LTC3216 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology LTC3216 Datasheet HTML 10Page - Linear Technology LTC3216 Datasheet HTML 11Page - Linear Technology LTC3216 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC3216
12
3216fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT 0208 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
High Power Camera Light and Flash
C1
2.2μF
C2
2.2μF
CIN
2.2μF
CCPO
4.7μF
ILED (TOTAL) =
200mA/400mA
2.9V TO 4.4V
RSET1 = 20k
1%
RSET2 = 10k
1%
3216 TA02
ILED
VIN
EN2
EN1
LTC3216
C1+
C1– C2+
C2–
ISET1
ISET2
CPO
EN1 (TORCH)
EN2 (FLASH)
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant Current, 1.4MHz, 1.5A Boost Converter
VIN: 1.6V to 18V, VOUT(MAX) = 36V, IQ = 1.8mA, ISD < 1μA
MS Package
LT1961
1.5A (ISW), 1.25MHz, High Efficiency Step-Up DC/DC
Converter
VIN: 3V to 25V, VOUT(MAX) = 35V, IQ = 0.9mA, ISD 6μA
MS8E Package
LTC3205
250mA, 1MHz, Multi-Display LED Controller
VIN: 2.8V to 4.5V, VOUT(MAX) = 5.5V, IQ = 50uA, ISD < 1μA
DFN Package
LTC3206
400mA, 800kHz, Multi-Display LED Controller
VIN: 2.8V to 4.5V, VOUT(MAX) = 5.5V, IQ = 50uA, ISD < 1μA
DFN Package
LTC3453
1MHz, 800mA Synchronous Buck-Boost
High Power LED Driver
VIN(MIN): 2.7V to 5.5V, VIN(MAX): 2.7V to 4.5V, IQ = 2.5mA, ISD < 6μA
QFN Package
LT3467/LT3467A
1.1A (ISW), 1.3/2.1MHz, High Efficiency Step-Up
DC/DC Converter with Integrated Soft-Start
VIN: 2.4V to 16V, VOUT(MAX) = 40V, IQ = 1.2mA, ISD < 1μA
ThinSOT Package
LT3479
3A, Full Featured DC/DC Converter with Soft-Start and
Inrush Current Protection
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD < 1μA
DFN, TSSOP Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com