Electronic Components Datasheet Search
  English  ▼

X  

LTC3218 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3218
Description  400mA Single Wire Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3218 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3218 Datasheet HTML 3Page - Linear Technology LTC3218 Datasheet HTML 4Page - Linear Technology LTC3218 Datasheet HTML 5Page - Linear Technology LTC3218 Datasheet HTML 6Page - Linear Technology LTC3218 Datasheet HTML 7Page - Linear Technology LTC3218 Datasheet HTML 8Page - Linear Technology LTC3218 Datasheet HTML 9Page - Linear Technology LTC3218 Datasheet HTML 10Page - Linear Technology LTC3218 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3218
7
3218fb
attain the desired current level can be determined by
Equations 1 and 2:
R
V
I
SETF
LED
=
3300 1 21
•.
R
V
I
SETT
LED
=
850 1 21
•.
Overcurrent shutdown mode will prevent damage to the
part and LED by shutting down the high power sections of
the chip. Choosing an RSETF or RSETT value of 5k or greater
will ensure that the part stays out of this mode.
Regulation is achieved by sensing the voltage at the ILED
pin and modulating the charge pump strength based on
the error signal.
In shutdown mode all circuitry is turned off and the LTC3218
draws a very low current from the VIN supply. The output is
disconnected from VIN and is pulled down by a resistance
of approximately 90kΩ. The LTC3218 enters shutdown
mode when the ENF and ENT pins are brought low.
LED Current Programming
The LTC3218 includes an accurate, programmable cur-
rent source that is capable of driving LED currents up to
150mA continuously and up to 400mA for pulsed operation.
Pulsed operation may be achieved by toggling the ENT or
ENF pins. In either continuous or pulsed operation, proper
board layout is required for effective heat sinking.
The output current of the LTC3218 is programmed using
external resistors connected between the ISETT and ISETF
pins and GND. The output current modes are shown in
Table 1, where RSETT is connected between ISETT and GND,
and RESTF is connected between ISETF and GND.
Since the LTC3218 has three separate LED current ratios
built in, it can be programmed using a single resistor by
connecting ISETT and ISETF together, and then connecting
the pins to the resistor.
OPERATION
Thermal Protection
The LTC3218 has built-in overtemperature protection.
Thermal shutdown circuitry will shut down the part when
the junction temperature exceeds approximately 165°C. It
will re-enable the part once the junction temperature drops
back to approximately 150°C. The LTC3218 will cycle in
and out of thermal shutdown indefinitely without latchup
or damage until the heat source is removed.
ENF Timeout
The ENF input is used to select the high current setting for
use as a camera flash. To prevent damage to the LED, the
ENF pin has a 2-second timeout. If the LTC3218 is enabled
for greater than approximately 2 seconds using the ENF
pin, the part will enter a low-power mode, preventing cur-
rent from being delivered to the LED. Normal operation
can be restored by bringing the part into shutdown and
re-enabling it.
Short-Circuit Protection
When ENF or ENT are brought high, the part will connect
VIN and CPO through a weak pull-up. If the CPO capacitor
fails to charge up to over 1V (i.e., CPO is shorted), the chip
will not be enabled. Similarly, during operation if CPO is
pulled down below 1V, the part will be disabled.
Soft-Start
To prevent excessive inrush current during start-up and
mode switching, the LTC3218 employs built-in soft-start
circuitry. Soft-start is achieved by increasing the amount
of current available to the output charge storage capacitor
linearly over a period of approximately 80μs.
Table 1. Output Current Modes for All ENT and ENF Settings
ENF
ENT
ILED
LOW
LOW
SHUTDOWN
LOW
HIGH
1029/RSETT
HIGH
LOW
2965/RSETF
HIGH
HIGH
3993/RSETF
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com