Electronic Components Datasheet Search
  English  ▼

X  

LTC3218 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3218
Description  400mA Single Wire Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3218 Datasheet(HTML) 1 Page - Linear Technology

  LTC3218 Datasheet HTML 1Page - Linear Technology LTC3218 Datasheet HTML 2Page - Linear Technology LTC3218 Datasheet HTML 3Page - Linear Technology LTC3218 Datasheet HTML 4Page - Linear Technology LTC3218 Datasheet HTML 5Page - Linear Technology LTC3218 Datasheet HTML 6Page - Linear Technology LTC3218 Datasheet HTML 7Page - Linear Technology LTC3218 Datasheet HTML 8Page - Linear Technology LTC3218 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3218
1
3218fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
400mA Single Wire
Camera LED Charge Pump
The LTC®3218 is a low-noise, high-current charge pump
DC/DC converter capable of driving high current LEDs at up
to 400mA from a 2.9V to 4.5V input. A low external parts
count (one flying capacitor, two programming resistors and
two bypass capacitors at VIN and CPO) make the LTC3218
ideally suited for small, battery-powered applications.
Built-in soft-start circuitry prevents excessive inrush cur-
rent during start-up. High switching frequency enables the
use of small external capacitors. A built-in 2-second timer
protects the LED during flash mode.
Output current level is programmed by an external re-
sistor. LED current is regulated using an internal high
side 220mΩ sense resistor. Automatic mode switching
optimizes efficiency by monitoring the voltage across the
charge pump and switching modes only when dropout
is detected. The part is available in a low profile 3mm ×
2mm 10-lead DFN package.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6411531.
■
Low Noise Constant-Frequency Operation
■
Multi-Mode Operation: 1x or 2x Boost Mode
■
Automatic Mode Switching
■
High Output Current: 150mA (Continuous), 400mA
(Pulsed) From Li-Ion/Polymer Input
■
2-Second Flash Current Timeout for LED Protection
■
Automatic Soft-Start
■
Output Disconnect
■
No Inductors
■
220mΩ Internal High Side Current Sense Resistor
■
Single Resistor Programming Capability
■
Tiny Application Circuit (3mm × 2mm DFN Package,
All Components < 1mm High)
■
LED Torch/Flash Supply for DSCs/Cellphones
2.2μF
2.2μF
4.7μF
LED
AOT2015
ILED
VIN
2.9V TO 4.5V
ENT
LTC3218
CP
CM
ISETF
ISETT
3218 TA01
CPO
GND
10.2k
1%
ENF
0
0
1
1
0 (SHUTDOWN)
100mA (TORCH)
290mA
390mA (FLASH)
ILED
ENT
0
1
0
1
ENF
ENABLED
DISABLED
ENABLED
DISABLED
VIN (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
3218 TA01b
40
50
70
80
90
100
60
50mA
150mA
300mA
Efficiency vs VIN


Similar Part No. - LTC3218

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3218 LINER-LTC3218 Datasheet
190Kb / 12P
400mA Single Wire Camera LED Charge Pump
LTC3218EDDBPBF LINER-LTC3218EDDBPBF Datasheet
190Kb / 12P
400mA Single Wire Camera LED Charge Pump
LTC3218EDDBTRPBF LINER-LTC3218EDDBTRPBF Datasheet
190Kb / 12P
400mA Single Wire Camera LED Charge Pump
More results

Similar Description - LTC3218

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
500mA Camera LED Charge Pump
LTC3218 LINER-LTC3218 Datasheet
190Kb / 12P
400mA Single Wire Camera LED Charge Pump
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
ams AG
AS3683 AMSCO-AS3683 Datasheet
409Kb / 4P
1A Backlight and Camera LED Power Charge Pump
logo
Exar Corporation
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
500mA LED Camera Flash Charge Pump
logo
Linear Technology
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com