Electronic Components Datasheet Search
  English  ▼

X  

LTC3218 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3218
Description  400mA Single Wire Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3218 Datasheet(HTML) 2 Page - Linear Technology

  LTC3218 Datasheet HTML 1Page - Linear Technology LTC3218 Datasheet HTML 2Page - Linear Technology LTC3218 Datasheet HTML 3Page - Linear Technology LTC3218 Datasheet HTML 4Page - Linear Technology LTC3218 Datasheet HTML 5Page - Linear Technology LTC3218 Datasheet HTML 6Page - Linear Technology LTC3218 Datasheet HTML 7Page - Linear Technology LTC3218 Datasheet HTML 8Page - Linear Technology LTC3218 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3218
2
3218fb
ELECTRICAL CHARACTERISTICS
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN to GND ................................................... –0.3V to 6V
CPO to GND ................................................ –0.3V to 6V
ENF, ENT........................................... –0.3V to VIN + 0.3V
ICPO, IILED (Note 2)...............................................500mA
CPO Short-Circuit Duration .............................. Indefinite
Storage Temperature Range................... –65°C to 125°C
Operating Temperature Range (Note 3).... –40°C to 85°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VIN Operating Voltage
●
2.9
4.5
V
IVIN Operating Current
ICPO = 0mA, 1x Mode
ICPO = 0mA, 2x Mode
980
1.7
μA
mA
IVIN Shutdown Current
ENF = ENT = LOW, VCPO = 0V
●
1.1
3
μA
LED Current
Torch Current Ratio
(ILED/ISET)
ILED = 50mA
ENT = HIGH, ENF = LOW
765
850
935
A/A
Flash Current Ratio
(ILED/ISET)
ILED = 150mA
ENT = LOW, ENF = HIGH
2205
2450
2695
A/A
Flash Current Ratio
(ILED/ISET)
ILED = 150mA
ENT = ENF = HIGH
2970
3300
3630
A/A
ILED Dropout Voltage (VILED)
Mode Switching Threshold, Δ(VCPO – VILED),
ILED = 100mA
7mV
Mode Switching Delay (LED Warm-Up Time)
0.5
ms
Turn-On Time
ENF, ENT
to LED Current On
160
μs
Minimum LED Forward Voltage
ILED = 50mA
●
2.2
V
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm × 2mm) PLASTIC DFN
CP
CPO
ILED
ENT
ISETT
VIN
CM
GND
ENF
ISETF
6
8
7
9
10
5
4
2
3
1
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3.6V, CIN = CFLY = 2.2μF, CCPO = 4.7μF, ENF = HIGH, unless
otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3218EDDB#PBF
LTC3218EDDB#TRPBF
LCHS
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com