Electronic Components Datasheet Search
  English  ▼

X  

AN2141 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2141
Description  LED array reference design board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2141 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2141 Datasheet HTML 3Page - STMicroelectronics AN2141 Datasheet HTML 4Page - STMicroelectronics AN2141 Datasheet HTML 5Page - STMicroelectronics AN2141 Datasheet HTML 6Page - STMicroelectronics AN2141 Datasheet HTML 7Page - STMicroelectronics AN2141 Datasheet HTML 8Page - STMicroelectronics AN2141 Datasheet HTML 9Page - STMicroelectronics AN2141 Datasheet HTML 10Page - STMicroelectronics AN2141 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN2141
Reducing power dissipation on the chip
7/18
Figure 3.
General configuration
When only one LED is connected to each output (the most common configuration used in
LED array reference boards) the equation can be simplified as follows:
Equation 3
As previously stated, only the LED supply voltage Vc is variable. Thus the correct choice is
an LED supply voltage Vc about 0.5 V higher than VF or n*VF for n LEDs connected in
series.
If a PWM signal controls the brightness of the LEDs, the total power dissipation on the chip
is calculated as:
Equation 4
where D is the duty cycle.
If there is no possibility to obtain the proper value of the LED supply voltage in an
application, an external resistor R in series with each LED must be connected to limit the
power dissipation on the chip as shown in Figure 4. The power dissipation on the chip is
consequently decreased as follows:
Equation 5
STP16CPS05
P
tot
I
c
U
⋅
c
–
=
IV
c
V
F
–
()
⋅⋅
#outputs
P
tot
I
c
U
⋅
c
–
=
IV
c
V
F
–
() D
⋅⋅
⋅
#outputs
P
tot
I
c
U
⋅
c
–
=
IV
c
V
F
IR
⋅
–
()
–
()
⋅⋅
#outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com