Electronic Components Datasheet Search
  English  ▼

X  

AN2141 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2141
Description  LED array reference design board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2141 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2141 Datasheet HTML 5Page - STMicroelectronics AN2141 Datasheet HTML 6Page - STMicroelectronics AN2141 Datasheet HTML 7Page - STMicroelectronics AN2141 Datasheet HTML 8Page - STMicroelectronics AN2141 Datasheet HTML 9Page - STMicroelectronics AN2141 Datasheet HTML 10Page - STMicroelectronics AN2141 Datasheet HTML 11Page - STMicroelectronics AN2141 Datasheet HTML 12Page - STMicroelectronics AN2141 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN2141
Common drain outputs configuration
9/18
4
Common drain outputs configuration
As mentioned above, the STPxxCx05 is focused on driving high brightness LEDs. The
maximum forward current of HB LEDs can vary from 20 mA to several hundred mA.
A typical current value for super HB LEDs is 350 mA. Thanks to the common drain
configuration the outputs can be connected together as shown in Figure 5. This increases
the performance and current capability of the driver. This configuration enables the driving of
several types of HB LEDs even with the limited current-per-output.
Figure 5.
Common drain outputs configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com