Electronic Components Datasheet Search
  English  ▼

X  

LTC3531 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3531 Datasheet HTML 4Page - Linear Technology LTC3531 Datasheet HTML 5Page - Linear Technology LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology LTC3531 Datasheet HTML 10Page - Linear Technology LTC3531 Datasheet HTML 11Page - Linear Technology LTC3531 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
8
3531fb
BLOCK DIAGRA
3531 BD
GATE DRIVERS
AND
ANTICROSS
CONDUCTION
SHUTDOWN
THERMAL
SHUTDOWN
STATE
MACHINE
AND
LOGIC
VBEST
AND
MODE DETECT
365mA
VIN
VIN
SHDN
PGND
VOUT
FB
GND
VIN
VOUT
1.65V
PEAK
CURRENT
LIMIT
UVLO
VOUT
COMPARATOR
VBEST
BUCK, 4SW,
BOOST
IZERO/IVALLEY
DETECT
SW A
SW1
SW2
SW B
SW C
SW D
1.225V VREF
NOT BONDED
FOR 3.3V AND
3V VERSIONS
INTERNAL
R1 AND R2
DISABLED
FOR ADJ VERSION
COMBINED
FOR TSOT
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com