Electronic Components Datasheet Search
  English  ▼

X  

LTC3531 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 5 Page - Linear Technology

  LTC3531 Datasheet HTML 1Page - Linear Technology LTC3531 Datasheet HTML 2Page - Linear Technology LTC3531 Datasheet HTML 3Page - Linear Technology LTC3531 Datasheet HTML 4Page - Linear Technology LTC3531 Datasheet HTML 5Page - Linear Technology LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
5
3531fb
TA = 25°C unless otherwise specified.
Buck Mode at 5VIN,
3.3VOUT 200mA
Buck Mode at 5VIN,
3.3VOUT 100mA
Buck Mode Waveforms at 5VIN,
3.3VOUT 20mA
3531 G13
3531 G14
3531 G15
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
L = 10μH
COUT = 22μF
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
L = 10μH
COUT = 22μF
L = 10μH
COUT = 22μF
TYPICAL PERFOR A CE CHARACTERISTICS
4 Switch Mode Waveforms at
3.6VIN, 3.3VOUT 200mA
3531 G16
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
L = 10μH
COUT = 22μF
4 Switch Mode Waveforms at
3.6VIN, 3.3VOUT 100mA
4 Switch Mode Waveforms at
3.6VIN, 3.3VOUT 20mA
3531 G17
3531 G18
SW1
SW2
VOUT (AC)
IL
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
L = 10μH
COUT = 22μF
L = 10μH
COUT = 22μF
5μs/DIV
5μs/DIV
5μs/DIV
5μs/DIV
5μs/DIV
5μs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com