Electronic Components Datasheet Search
  English  ▼

X  

LTC3531 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology LTC3531 Datasheet HTML 10Page - Linear Technology LTC3531 Datasheet HTML 11Page - Linear Technology LTC3531 Datasheet HTML 12Page - Linear Technology LTC3531 Datasheet HTML 13Page - Linear Technology LTC3531 Datasheet HTML 14Page - Linear Technology LTC3531 Datasheet HTML 15Page - Linear Technology LTC3531 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
16
3531fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0807 REV B • PRINTED IN USA
TYPICAL APPLICATIO
SW1
SW2
SHDN
GND
VIN
VOUT
LTC3531-3.3
C2
10
μF
C1
22
μF
L1
10
μH
3.1V TO 5.25V
3531 TA05
OTHER
DC/DC
100k
100k
0.1
μF
WALL NTC
OUT
CHRG
ACPR
VNTC
TIMER
CLPROG
PROG
IN1
IN2
HPWR
SUSP
BAT
GND
LTC4055
+
–
Li-Ion
5V (NOM)
FROM USB
CABLE
SUSPEND
USB POWER
VOUT: USB OR BATTERY
C1, C2: TAIYO YUDEN JMK316BJ106ML
L1: MURATA LQH43CN100K03 (650mA 0.24
Ω)
VOUT
3.3V
160mA
SHDN
Complete USB/Li-Ion Powered System
with 3.3VOUT and Linear Charger
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1930/LT1930A
1A (ISW), 1.2MHz/2.2MHz, High Efficiency Step-Up DC/DC Converter
VIN: 2.6V to 16V, VOUT(MAX) = 34V,
IQ = 4.2mA/5.5mA, ISD < 1μA, ThinSOT Package
LTC3400/LTC3400B
600mA (ISW), 1.2MHz Synchronous Step-Up DC/DC Converter
VIN: 0.85V to 5V, VOUT(MAX) = 5V,
IQ = 19μA/300μA, ISD < 1μA, ThinSOT Package
LTC3401/LTC3402
1A/2A (ISW), 3MHz Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT(MAX) = 6V, IQ = 38μA,
ISD < 1μA, MS Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz Synchronous Step-Down DC/DC Converter
VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 20μA,
ISD ≤ 1μA, MS10 Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz Synchronous Step-Down DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20μA,
ISD ≤ 1μA, ThinSOT Package
LTC3421
3A (ISW), 3MHz Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12μA,
ISD < 1μA, QFN Package
LTC3422
1.5A (ISW), 3MHz Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 25μA,
ISD < 1μA, 3mm × 3mm DFN Package
LTC3426
2A (ISW), 1.2MHz Step-Up DC/DC Converter in SOT-23
VIN: 1.6V to 5V, VOUT up to 5.5V
LTC3428
4A (ISW), 1.2MHz Step-Up DC/DC Converter
VIN: 1.6V to 5V, VOUT up to 5.5V
LTC3429
600mA (ISW), 500kHz Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.4V, VOUT(MIN) = 5V, IQ = 20μA,
ISD < 1μA, QFN Package
LTC3440
600mA (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 5.5V, IQ = 25μA,
ISD < 1μA, MS, DFN Packages
LTC3441
600mA (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 5.5V, IQ = 25μA,
ISD < 1μA, DFN Package
LTC3442
2MHz Synchronous Buck-Boost with Auto-Burst
VIN: 2.4V to 5.5V, VOUT up to 5.25V
LTC3443
1.2A (IOUT), 600kHz Synchronous Buck-Boost DC/DC Converter
VIN: 2.4V to 5.5V, VOUT(MIN) = 5.25V, IQ = 28μA,
ISD < 1μA, MS Package
LTC3458
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter
VIN: 1.5V to 6V, VOUT up to 7.5V
LTC3458L
1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter
VIN: 1.5V to 6V, VOUT up to 6V
LTC3459
10V Micropower Synchronous Step-Up DC/DC Converter
VIN: 1.5V to 5.5V, VOUT up to 10V
LTC3525/LTC3525-3.3/
400mA (ISW), Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.5V, IQ = 7μA, ISD < 1μA,
LTC3525-5
with Output Disconnect
2mm × 2mm SC70 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com