Electronic Components Datasheet Search
  English  ▼

X  

LTC3534 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3534
Description  7V, 500mA Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3534 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3534 Datasheet HTML 9Page - Linear Technology LTC3534 Datasheet HTML 10Page - Linear Technology LTC3534 Datasheet HTML 11Page - Linear Technology LTC3534 Datasheet HTML 12Page - Linear Technology LTC3534 Datasheet HTML 13Page - Linear Technology LTC3534 Datasheet HTML 14Page - Linear Technology LTC3534 Datasheet HTML 15Page - Linear Technology LTC3534 Datasheet HTML 16Page - Linear Technology LTC3534 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3534
13
3534fb
For more information www.linear.com/LTC3534
applicaTions inForMaTion
Output Capacitor Selection
The bulk value of the output filter capacitor is set to reduce
the ripple due to charge into the capacitor each cycle. The
steady state ripple due to charge is given by:
∆VP-PBoost =
IOUT • VOUT – VIN(MIN)
(
)
COUT • VOUT • f
V
∆VP-PBuck =
1
8 •L •COUT • f2
•
VIN(MAX) – VOUT
(
)•V
OUT
VIN(MAX)
V
where f = switching frequency in Hz, typically 1MHz.
COUT = output filter capacitor, F
IOUT = output load current, A
The output capacitance is usually many times larger than
theminimumvalueinordertohandlethetransientresponse
requirements of the converter. As a rule of thumb, the ratio
of the operating frequency to the unity-gain bandwidth of
the converter is the amount the output capacitance will
have to increase from the above calculations in order to
maintain the desired transient response. A 22µF or larger
ceramic capacitor is appropriate for most applications.
The other component of ripple is due to the ESR (equiva-
lent series resistance) of the output capacitor. Low ESR
capacitors should be used to minimize output voltage
ripple. For surface mount applications, Taiyo Yuden or
TDK ceramic capacitors, AVX TPS series tantalum capaci-
tors or Sanyo POSCAP are recommended. See Table 2 for
contact information.
Input Capacitor Selection
Since VIN is the supply voltage for the IC, as well as the
input to the power stage of the converter, it is recom-
mended to place at least a 10µF, low ESR ceramic bypass
capacitor close to the PVIN/VIN and PGND/GND pins. It is
also important to minimize any stray resistance from the
converter to the battery or other power source.
Optional Schottky Diodes
Schottky diodes across the synchronous switches B and
D are not required, but do provide a lower drop during the
break-before-make time (typically 15ns), thus improving
efficiency. Use a surface mount Schottky diode such as an
MBRM120T3 or equivalent. Do not use ordinary rectifier
diodes since their slow recovery times will compromise
efficiency.
Output Voltage < 1.8V
The LTC3534 can operate as a buck converter with output
voltages as low as 400mV. Since synchronous switch
D is powered from VOUT and the RDS(ON) will increase
significantly at output voltages below 1.8V typical, a
Schottky diode is required from SW2 to VOUT to provide
the conduction path to the output at low VOUT voltages.
The current limit is folded back to 800mA when VOUT <
0.9V typical which will significantly reduce the output
current capability of the application. Note that Burst Mode
operationisinhibitedatoutputvoltagesbelow1.6Vtypical.
Closing the Feedback Loop
TheLTC3534incorporatesvoltagemodePWMcontrol.The
control to output gain varies with operation region (buck,
boost, buck-boost), but is usually no greater than 15. The
output filter exhibits a double pole response, as given by:
fFILTER_POLE =
1
2•
π • L1•COUT
Hz (in buck mode)
fFILTER_POLE =
VIN
2• VOUT • π• L1•COUT
Hz (in boost mode)
where L1 is in Henries and COUT is in Farads.
The output filter zero is given by:
Table 2. Capacitor Vendor Information
SUPPLIER PHONE
FAX
WEBSITE
AVX
(803) 448-9411 (803) 448-1943 www.avxcorp.com
Sanyo
(619) 661-6322 (619) 661-1055 www.sanyovideo.com
Taiyo
Yuden
(408) 573-4150 (408) 573-4159 www.t-yuden.com
TDK
(847) 803-6100 (847) 803-6296 www.component.tdk.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com