Electronic Components Datasheet Search
  English  ▼

X  

LTC3534 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3534
Description  7V, 500mA Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3534 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3534 Datasheet HTML 2Page - Linear Technology LTC3534 Datasheet HTML 3Page - Linear Technology LTC3534 Datasheet HTML 4Page - Linear Technology LTC3534 Datasheet HTML 5Page - Linear Technology LTC3534 Datasheet HTML 6Page - Linear Technology LTC3534 Datasheet HTML 7Page - Linear Technology LTC3534 Datasheet HTML 8Page - Linear Technology LTC3534 Datasheet HTML 9Page - Linear Technology LTC3534 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3534
6
3534fb
For more information www.linear.com/LTC3534
Typical perForMance characTerisTics
Load Transient Response in Fixed
Frequency Mode, No-Load to
300mA
Burst Mode Operation VOUT
Ripple at 25mA Load
Transition from Burst Mode
Operation to Fixed Frequency
Mode
VOUT Start-Up
VOUT = 100mV/DIV
ILOAD = 100mA/DIV
100µs/DIV
VIN = VOUT = 5V
ILOAD = 0 TO 300mA
COUT = 22µF
X5R CERAMIC
3534 G18
VOUT = 50mV/DIV
INDUCTOR CURRENT
= 200mA/DIV
10µs/DIV
VIN = VOUT = 5V
COUT = 22µF
X5R CERAMIC
3534 G19
VOUT = 50mV/DIV
PWM = 2V/DIV
100µs/DIV
VIN = VOUT = 5V
ILOAD = 25mA
COUT = 22µF
X5R CERAMIC
3534 G20
VOUT = 2V/DIV
RUN/SS = 1V/DIV
(STARTS AT 1V)
INDUCTOR CURRENT =
500mA/DIV
500µs/DIV
ILOAD = 100mA
3534 G21
PWM OPERATION MUST BE COMMANDED
VOUT Ripple at 300mA Load
VIN = 5V
VIN = 3.6V
VIN = 6.4V
1µs/DIV
VOUT = 5V, AC-COUPLED
20mV/DIV
COUT = 22µF
ILOAD = 300mA
3534 G17
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com