Electronic Components Datasheet Search
  English  ▼

X  

LTC3534 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3534
Description  7V, 500mA Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3534 Datasheet(HTML) 2 Page - Linear Technology

  LTC3534 Datasheet HTML 1Page - Linear Technology LTC3534 Datasheet HTML 2Page - Linear Technology LTC3534 Datasheet HTML 3Page - Linear Technology LTC3534 Datasheet HTML 4Page - Linear Technology LTC3534 Datasheet HTML 5Page - Linear Technology LTC3534 Datasheet HTML 6Page - Linear Technology LTC3534 Datasheet HTML 7Page - Linear Technology LTC3534 Datasheet HTML 8Page - Linear Technology LTC3534 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3534
2
3534fb
For more information www.linear.com/LTC3534
absoluTe MaxiMuM raTings
VIN, PVIN Voltages........................................ –0.3V to 8V
VOUT Voltage................................................ –0.3V to 8V
SW1, SW2 Voltages
DC............................................................ –0.3V to 8V
Pulsed < 100ns........................................ –0.3V to 9V
RUN/SS, PWM Voltages .............................. –0.3V to 8V
(Note 1)
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
GND
FB
VC
VIN
PVIN
VOUT
PWM
GND
GND
RUN/SS
GND
PGND1
SW1
SW2
PGND2
GND
TOP VIEW
DHC PACKAGE
16-LEAD (5mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W (4-LAYER BOARD), θJC = 4°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
GN PACKAGE
16-LEAD PLASTIC SSOP NARROW - FUSED
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
RUN/SS
GND
PGND1
SW1
SW2
PGND2
GND
GND
FB
VC
VIN
PVIN
VOUT
PWM
GND
TJMAX = 125°C,θJA = 90°C/W (4-LAYER BOARD), θJC = 37°C/W
PINS 1, 8, 9, AND 16 ARE PGND, MUST BE SOLDERED TO PCB
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3534EDHC#PBF
LTC3534EDHC#TRPBF
3534
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3534EGN#PBF
LTC3534EGN#TRPBF
3534
16-Lead SSOP Narrow - Fused
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3534EDHC
LTC3534EDHC#TR
3534
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3534EGN
LTC3534EDE#TR
3534
16-Lead SSOP Narrow - Fused
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VC, FB Voltages............................................ –0.3V to 6V
Operating Temperature Range (Note 2)....–40°C to 85°C
Maximum Junction Temperature (Note 3)............. 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature
(Soldering, 10sec; GN Package)............................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com