Electronic Components Datasheet Search
  English  ▼

X  

LTC4059 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4059
Description  900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4059 Datasheet(HTML) 1 Page - Linear Technology

  LTC4059 Datasheet HTML 1Page - Linear Technology LTC4059 Datasheet HTML 2Page - Linear Technology LTC4059 Datasheet HTML 3Page - Linear Technology LTC4059 Datasheet HTML 4Page - Linear Technology LTC4059 Datasheet HTML 5Page - Linear Technology LTC4059 Datasheet HTML 6Page - Linear Technology LTC4059 Datasheet HTML 7Page - Linear Technology LTC4059 Datasheet HTML 8Page - Linear Technology LTC4059 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4059/LTC4059A
1
4059fb
■
Wireless PDAs
■ Cellular Phones
■ Portable Electronics
■
Wireless Headsets
■ Digital Cameras
■
Programmable Charge Current Up to 900mA
■ Charge Current Monitor Output for Charge
Termination
■
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charging Rate
Without Risk of Overheating
■
Constant-Current Source Mode for Charging
Nickel Batteries (LTC4059 Only)
■ ACPR Pin Indicates Presence of Input Supply
(LTC4059A Only)
■ No External MOSFET, Sense Resistor or Blocking
Diode Required
■
Operating Supply Voltage from 3.75V to 8V
■ Charges Single Cell Li-Ion Batteries Directly from
USB Port
■
Preset 4.2V Charge Voltage with 0.6% Accuracy
■ 10
µA Supply Current in Shutdown Mode
■ Tiny 6-Lead (2mm
× 2mm) DFN Package
900mA Linear Li-Ion
Battery Chargers with
Thermal Regulation in 2
× 2 DFN
The LTC
®4059/LTC4059A are constant-current/constant-
voltage linear chargers for single cell lithium-ion batteries.
Their 2mm
× 2mm DFN package and low external compo-
nent count make these chargers especially well suited for
portable applications. Furthermore, they are designed to
work within USB power specifications.
No external sense resistor, MOSFET or blocking diode is
required. Thermal feedback regulates the charge current
to limit the die temperature during high power operation or
high ambient thermal conditions. The charge voltage is
fixed at 4.2V and the charge current is programmable.
When the input supply (wall adapter or USB supply) is
removed, the LTC4059/LTC4059A automatically enter a low
current state, dropping the battery current drain to less than
1
µA. With power applied, they can be put into shutdown
mode, reducing the supply current to 10
µA.
The LTC4059A features an open-drain status pin to indi-
cate the presence of an input voltage. The LTC4059 can be
used as a constant-current source to charge Nickel cells.
Other features include undervoltage lockout protection
and a current monitor pin which can indicate when to
terminate a charge cycle.
The LTC4059/LTC4059A are available in a 6-lead, low
profile (0.75mm) 2mm
× 2mm DFN package.
Complete Charge Cycle (800mAh Battery)
TIME (HOURS)
0
500
600
700
2
4059 TA02
400
300
0.5
1
1.5
2.5
200
100
0
4.0
4.2
4.4
3.8
3.6
3.4
3.2
3.0
CONSTANT
CURRENT
CONSTANT
VOLTAGE
VCC = 5V
RPROG = 2k
TA = 25°C
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
VCC
LTC4059A
VIN
4.5V TO 8V
EN
GND
BAT
1
µF
2k
50k
4.2V
Li-Ion
BATTERY
600mA
VDD
µP
4059 TA01
ACPR
PROG
+
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6522118.


Similar Part No. - LTC4059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4059 LINER-LTC4059 Datasheet
223Kb / 12P
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 쨈 2 DFN
logo
Linear Integrated Syste...
LTC4059 LINEAR-LTC4059 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4059 LINER-LTC4059 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4059 LINER-LTC4059 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4059 LINER-LTC4059 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC4059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Linear Technology
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4059 LINER-LTC4059 Datasheet
223Kb / 12P
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 쨈 2 DFN
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4059A LINER-LTC4059A_15 Datasheet
319Kb / 12P
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com