Electronic Components Datasheet Search
  English  ▼

X  

LTC4059 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4059
Description  900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4059 Datasheet(HTML) 4 Page - Linear Technology

  LTC4059 Datasheet HTML 1Page - Linear Technology LTC4059 Datasheet HTML 2Page - Linear Technology LTC4059 Datasheet HTML 3Page - Linear Technology LTC4059 Datasheet HTML 4Page - Linear Technology LTC4059 Datasheet HTML 5Page - Linear Technology LTC4059 Datasheet HTML 6Page - Linear Technology LTC4059 Datasheet HTML 7Page - Linear Technology LTC4059 Datasheet HTML 8Page - Linear Technology LTC4059 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4059/LTC4059A
4
4059fb
TYPICAL PERFOR A CE CHARACTERISTICS
VCC – VBAT Undervoltage Lockout
Threshold vs Battery Voltage
EN Pin Current
vs EN Voltage and Temperature
UVLO Battery Drain Current
vs Battery Voltage
VBAT (V)
3
300
400
500
7
4059 G10
200
100
250
350
450
150
50
0
4
5
6
8
TA = 25°C
RPROG = 12.1k
VEN (V)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
35
4059 G11
12
46
TA = 100°C
TA = –20°C
TA = 25°C
VBAT (V)
0
1.2
1.6
2.0
4
4059 G12
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
1
2
3
5
VCC = 0V
TA = 25°C
UVLO Battery Drain Current
vs Temperature
Manual Shutdown Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
–25
0
1.0
2.5
0
50
75
4059 G13
0.5
2.0
1.5
25
100
125
VCC = 0V
VBAT = 4V
TEMPERATURE (
°C)
–50
8
10
14
25
75
4059 G14
6
4
–25
0
50
100
125
2
0
12
VCC = 5V
VEN = 5V
Manual Shutdown Threshold
Voltage vs Temperature
Voltage Mode Disable Threshold
Voltage vs Temperature
(LTC4059 Only)
TEMPERATURE (
°C)
–50
0.6
0.7
0.8
0.9
1.0
1.2
–25
025
50
4059 F15
75
100
1.1
RISING
FALLING
TEMPERATURE (
°C)
–50
0.6
0.7
0.8
0.9
1.0
1.2
–25
025
50
4059 F16
75
100
1.1
RISING
FALLING
ACPR Pin Output Low Voltage
vs Temperature (LTC4059A Only)
TEMPERATURE (
°C)
–50
0.45
25
4059 G17
0.30
0.20
–25
0
50
0.15
0.10
0.50
0.40
0.35
0.25
75
100
125
VCC = 5V
VBAT = 4.2V
IACPR = 300µA
VACPR (V)
0
2.0
3.0
8
4059 G18
1.0
0
2
4
6
1
3
5
7
4.0
1.5
2.5
0.5
3.5
VCC = 5V
VBAT = 4.2V
TA = 25°C
ACPR Pin (Pull-Down State)
I-V Curve (LTC4059A Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com