Electronic Components Datasheet Search
  English  ▼

X  

LTC4059 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4059
Description  900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4059 Datasheet(HTML) 3 Page - Linear Technology

  LTC4059 Datasheet HTML 1Page - Linear Technology LTC4059 Datasheet HTML 2Page - Linear Technology LTC4059 Datasheet HTML 3Page - Linear Technology LTC4059 Datasheet HTML 4Page - Linear Technology LTC4059 Datasheet HTML 5Page - Linear Technology LTC4059 Datasheet HTML 6Page - Linear Technology LTC4059 Datasheet HTML 7Page - Linear Technology LTC4059 Datasheet HTML 8Page - Linear Technology LTC4059 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4059/LTC4059A
3
4059fb
TYPICAL PERFOR A CE CHARACTERISTICS
Battery Regulation (Float) Voltage
vs Battery Charge Current
IBAT (mA)
0
4.16
4.18
4.20
300
500
4059 G01
4.14
4.12
4.10
100
200
400
4.22
4.24
4.26
VCC = 5V
TA = 25°C
RPROG = 2.43k
TEMPERATURE (
°C)
–50
4.19
4.20
4.21
25
75
4059 G02
4.18
4.17
4.16
–25
0
50
4.22
4.23
4.24
100
VCC = 5V
IBAT = 2mA
RPROG = 2.43k
VCC (V)
4
4.19
4.20
4.21
7
4059 G03
4.18
4.17
4.16
56
4.22
4.23
4.24
8
TA = 25°C
IBAT = 10mA
RPROG = 2.43k
Battery Regulation (Float) Voltage
vs Temperature
Regulated Output (Float) Voltage
vs Supply Voltage
Charge Current vs Input Voltage
Charge Current vs Ambient
Temperature with Thermal
Regulation
VCC (V)
4
0
100
200
300
400
500
600
56
7
8
4059 G04
VBAT = 3.85V
TA = 25°C
THERMAL
LIMITING
RPROG = 2.43k
RPROG = 12.1k
Charge Current vs Battery Voltage
VBAT (V)
2.5
0
100
200
300
400
500
600
3
3.5
4
4.5
4059 G05
Li CC = 5V
LTC4059 ONLY
Li CC = 0V
LTC4059A
VCC = 5V
TA = 25°C
RPROG = 2.43k
AMBIENT TEMPERATURE (
°C)
–50
400
500
600
25
75
4059 G06
300
200
–25
0
50
100
125
100
0
RPROG = 12.1k
RPROG = 2.43k
VCC = 5V
VBAT = 3.85V
THERMAL CONTROL
LOOP IN OPERATION
PROG Pin Voltage vs Temperature
(Constant Current Mode)
PROG Pin Voltage
vs Charge Current
Power FET “ON” Resistance
vs Temperature
IBAT (mA)
0
1.0
1.2
1.4
400
4059 F07
0.8
0.6
100
200
300
500
0.4
0.2
0
VCC = 5V
TA = 25°C
RPROG = 2.43k
TEMPERATURE (
°C)
–50
400
500
600
700
800
1200
1000
–25
025
50
4059 G09
75
100
900
VCC = 5V
IBAT = 100mA
TEMPERATURE (
°C)
–50
1.22
1.23
1.24
25
75
4059 G08
1.21
1.20
–25
0
50
100
125
1.19
1.18
RPROG = 12.1k
RPROG = 2.43k
VCC = 5V
VBAT = 3.85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com