Electronic Components Datasheet Search
  English  ▼

X  

UPD6466 Datasheet(PDF) 12 Page - NEC

Part # UPD6466
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466 Datasheet(HTML) 12 Page - NEC

Back Button UPD6466 Datasheet HTML 8Page - NEC UPD6466 Datasheet HTML 9Page - NEC UPD6466 Datasheet HTML 10Page - NEC UPD6466 Datasheet HTML 11Page - NEC UPD6466 Datasheet HTML 12Page - NEC UPD6466 Datasheet HTML 13Page - NEC UPD6466 Datasheet HTML 14Page - NEC UPD6466 Datasheet HTML 15Page - NEC UPD6466 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
12
µPD6466
1.3 Display with RGB + VC1 + VC2 Pins
The
µPD6466 has three output options: A, B, and C. The following figure shows the output with each option
specified (the output is controlled by an output pin control command (refer to 3.11 Output Pin Control Command)).
Output pin control command (with MSB first (The command is input from the MSB (D15).)
(because this command is a 2-byte command, input of 16 bits is necessary when this command is input more than
once successively.)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
10011100
OD1
OD0
00
AR3
AR2
AR1
AR0
(MSB)
(LSB)
Row specification bits
Function
Specifies row 0.
Specifies row 1.
Specifies row 11.
Setting prohibited
AR3
0
0
1
AR2
0
0
0
AR1
0
0
1
AR0
0
1
1
Output pin control bits
Pin output
VC1: Outputs specified row, VC2: Fixed to low level
VC1: Fixed to low level, VC2: Outputs specified row
OD1
0
0
OD0
0
1
Option A
Output pin control bits
Pin output
VC1: Outputs all rows, VC2: Fixed to low level
VC1: Outputs all rows, VC2: Outputs specified row
OD1
0
0
OD0
0
1
Option B
Output pin control bits
Pin output
VC1: Outputs columns 0-23, VC2: Fixed to low level
VC1: Outputs columns 0-11, VC2: Outputs columns 12-23
VC1: Outputs columns 12-23, VC2: Outputs columns 0-11
VC1: Fixed to low level, VC2: Outputs columns 0-23
OD1
0
0
1
1
OD0
0
1
0
1
Option C
•
Row specification control
Specify whether the character signal is output to the VC1 or VC2 pin in row units (or 12-column units).
•
Output pin control
The output of the VC1 and VC2 pins can be selected from three types, A, B, and C, by using the initial status setting
command (the blanking signal is output in the same manner).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com