Electronic Components Datasheet Search
  English  ▼

X  

UPD6466 Datasheet(PDF) 23 Page - NEC

Part # UPD6466
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466 Datasheet(HTML) 23 Page - NEC

Back Button UPD6466 Datasheet HTML 19Page - NEC UPD6466 Datasheet HTML 20Page - NEC UPD6466 Datasheet HTML 21Page - NEC UPD6466 Datasheet HTML 22Page - NEC UPD6466 Datasheet HTML 23Page - NEC UPD6466 Datasheet HTML 24Page - NEC UPD6466 Datasheet HTML 25Page - NEC UPD6466 Datasheet HTML 26Page - NEC UPD6466 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
23
µPD6466
3.2 Display Control Command
This command controls the display output, LC oscillation, blinking the characters, and left to right reverse.
(1) With MSB first (The command is input from MSB (D7).)
D7
D6
D5
D4
D3
D2
D1
D0
0001
DO
LC
BL1
BL0
(MSB)
(LSB)
Blinking control bit (screen unit)
Function
Blinking OFF
Blinking frequency: approx. 2 Hz
Blinking frequency: approx. 1 Hz
Blinking frequency: approx. 0.5 Hz
BL0
0
1
0
1
LC oscillation control bit
Function
LC oscillation OFF
LC oscillation ON
LC
0
1
Character display ON/OFF control bit
Function
Display OFF
Display ON
DO
0
1
Left to right reverse control bit
Function
Character left to right reverse OFF
Character left to right reverse ON
BL1
–
–
BL1
0
0
1
1
BL0
0
1
– : “0” or “1”
With blinking character
selectedNote
With character left and right
reverse selectedNote
Note
Set with the initial setting command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com