| Electronic Components Datasheet Search |
|
UPD6466 Datasheet(PDF) 18 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6466 Datasheet(HTML) 18 Page - NEC |
|
18 / 70 page ![]() 18 µPD6466 1.3.4 Displaying characters specified by VC2 The characters specified by VC2 by the display character control command are not output to the RGB and VC1 output channels (the RGB and VC1 output channels displayNote the same manner as when Display Off Data is written). Therefore, even if a background is specified by the RGB and VC1 output channel (no background/filled background), no background is displayed at the specified portion. Note The display is slightly different from Display Off Data. Filling data: Character filling all 12 × 18 dots • When Display Off Data is displayed with RGB, VC1, and VC2 channel In the case of Display Off Data, framing (or background, if any) of adjacent characters is displayed with the framing or background overlapping the area of Display Off Data by one dot of the minimum size (the framing overlaps the area of Display Off Data, when there are dots at the leftmost or rightmost position of the adjacent character area). • Displaying character area specified by VC2 with RGB and VC1 channels In the case of a character specified by VC2, the framing of the adjacent characters is displayed with the framing overlapping the VC2-specified character area by one dot of the minimum size, but the background does not overlap to the VC2-specified area. • Displaying VC2-specified character area with VC2 channel Even if the VC2-specified character exists with the VC2 output, the framing also overlaps the adjacent character area, but the background does not (the framing overlaps the VC2-specified character area, when there are dots at the leftmost or rightmost position of the adjacent character area). • If VC2 character specification area exists at the edge of display area (The figure shows the leftmost position of the display area. The same applies to the rightmost position of the display area.) Portion output with framing or background overlapping (Width is 1 dot of the minimum character width.) Portion where framing overlaps Portion where background overlaps (1)-(5) (2)-(5) The background is not output overlapping the VC2-specified character area. Filling Data Display Off Data Filling Data Filling Data VC2-specified character area Filling Data Display Off Data Display Off Data VC2-specified character area Filling Data Filling Data Filling Data Filling Data (1) (3) (4) (5) (2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |