Electronic Components Datasheet Search
  English  ▼

X  

AN2281 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 7Page - STMicroelectronics AN2281 Datasheet HTML 8Page - STMicroelectronics AN2281 Datasheet HTML 9Page - STMicroelectronics AN2281 Datasheet HTML 10Page - STMicroelectronics AN2281 Datasheet HTML 11Page - STMicroelectronics AN2281 Datasheet HTML 12Page - STMicroelectronics AN2281 Datasheet HTML 13Page - STMicroelectronics AN2281 Datasheet HTML 14Page - STMicroelectronics AN2281 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
AN2281
Implementation on the ST7LITE35 microcontroller
11/38
The relationship (3.3) is valid only under the condition N>0 and, then it can not be used to
measure frequencies higher than 500Hz. In this case the formula to be used, as can be
deduced from Figure 8, is the (3.4):
Figure 8.
Hall sensor signal semi-period measuring (N=0)
Please note that in both (3.3) and (3.4) tH/2 is computed with a resolution equal to:
that is 4µsec at 8 MHz fOSC.
LTTB1 Int
Capture 2
t
LTIC Int
t
LTIC Int
Capture 1
Hall sensor
Counter 1
249
LTTB1 Int
LTIC Int
output
(3.4)
fOSC
32
= (Capture 2-Capture 1)*
2
tH
fOSC
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com