Electronic Components Datasheet Search
  English  ▼

X  

AN2281 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 12Page - STMicroelectronics AN2281 Datasheet HTML 13Page - STMicroelectronics AN2281 Datasheet HTML 14Page - STMicroelectronics AN2281 Datasheet HTML 15Page - STMicroelectronics AN2281 Datasheet HTML 16Page - STMicroelectronics AN2281 Datasheet HTML 17Page - STMicroelectronics AN2281 Datasheet HTML 18Page - STMicroelectronics AN2281 Datasheet HTML 19Page - STMicroelectronics AN2281 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Library parameters
AN2281
16/38
5
Library parameters
This paragraph describes the parameters used in the PMAC motor control library supplied
with this application note. All the command lines mentioned in this paragraph are included in
the PMAC_Param.h header file.
5.1
Phase synchronization and phase angle optimization
As discussed in Figure 2, every time an Hall sensor edge occurs, the phase of the sine wave
is refreshed, depending on the transition (high-to-low or low-to-high), with the phase angle
Φ
or with
Φ+Π. Moreover, the Hall sensor signal semi-period is stored so that the sine wave
frequency can be computed by averaging the last 4 semi-period measurements.
The tuning of the phase angle
Φ is extremely important and it can enormously effect the
efficiency of the system. Two different solutions for phase angle optimization are possible
using the library supplied with this application note:
5.1.1
Phase angle tuned by Pot2
If the command line:
#define PHASE_READING_FROM_POT2
is not commented, the phase angle is read by the potentiometer Pot2. The minimum and
maximum available phase angles are configurable by definition statements:
#define MIN_PHASE (u16)
xxx //in 360°/65535 unit
(180° <=> 32768)
#define MAX_PHASE
(u16)
xxx //in 360°/65535 unit
(180° <=> 32768)
5.1.2
Phase angle as a function of frequency
If the command line:
#define PHASE_READING_FROM_POT2
is commented out, the phase angle is computed as a linear function of the rotor speed
following the relationship illustrated in Figure 12:
Figure 12. Phase angle vs speed relationship
PH_AT_HIGHSPEED, PH_AT_LOWSPEED (in 360°/65535 unit), PH_LOWSPEED and
PH_HIGHSPEED (in rpm) are configurable in the PMAC_Param.h header file.
Phase angle
PH_AT_HIGHSPEED
PH_AT_LOWSPEED
PH_LOWSPEED
PH_HIGHSPEED
Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com