Electronic Components Datasheet Search
  English  ▼

X  

AN2281 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 14Page - STMicroelectronics AN2281 Datasheet HTML 15Page - STMicroelectronics AN2281 Datasheet HTML 16Page - STMicroelectronics AN2281 Datasheet HTML 17Page - STMicroelectronics AN2281 Datasheet HTML 18Page - STMicroelectronics AN2281 Datasheet HTML 19Page - STMicroelectronics AN2281 Datasheet HTML 20Page - STMicroelectronics AN2281 Datasheet HTML 21Page - STMicroelectronics AN2281 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Library parameters
AN2281
18/38
If the alignment phase has been performed,
#define START_PHASE
xxx
//expressed in 360°/65535
also initializes the phase of the sine wave so that the stator and rotor magnetic fields can be
synchronous starting from the first electrical period.
Moreover, the command lines
#define START_UP_DURATION
xxx
// in msec
#define FIN_VOLT
xxx
//
in 1/255 units
set the sine wave amplitude at the end of the ramp-up and the ramp-up duration.
5.2.3
Open loop driving mode
Once the voltage ramp-up is over, open loop driving mode allows you adjust the amplitude
of the sinusoidal three-phase voltage applied to the motor using potentiometer Pot1.
The minimum and maximum amplitudes are definable and the related command lines are:
#define MAX_VOLTAGE
xxx
// Expressed in 1/255 units
#define MIN_VOLTAGE
xxx
//Expressed in 1/255 units
Figure 13 summarizes the basics of open loop driving mode:
Figure 13. Open loop start-up with (b) and without (a) rotor alignment phase
5.2.4
Closed loop driving mode for speed regulation
Closed loop driving mode includes a PI regulator acting on the amplitude of the three-phase
voltage for speed regulation. You set the target speed using potentiometer Pot. The
minimum and maximum target speeds are definable by command lines:
#define MIN_SPEED
xxx
//in rpm
#define MAX_SPEED
xxx
// in rpm
You can optimize the dynamic response of the system by acting on the sampling time and
the proportional and integral constants of the PI regulator in following command lines:
#define SAMPLING_TIME
xxx
//in msec
#define
kp
xxx
#define
ki
xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com