Electronic Components Datasheet Search
  English  ▼

X  

AN2284 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 12Page - STMicroelectronics AN2284 Datasheet HTML 13Page - STMicroelectronics AN2284 Datasheet HTML 14Page - STMicroelectronics AN2284 Datasheet HTML 15Page - STMicroelectronics AN2284 Datasheet HTML 16Page - STMicroelectronics AN2284 Datasheet HTML 17Page - STMicroelectronics AN2284 Datasheet HTML 18Page - STMicroelectronics AN2284 Datasheet HTML 19Page - STMicroelectronics AN2284 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
7 ISO 7816-3 - Electronic Signal and Transmission Protocol
AN2284
16/40
7.0.1
Card Power-on and Reset
When a card is inserted into a reader, no power is applied to any of the contacts. The chip on
the card could be seriously damaged by applying power to the wrong contacts, and this
situation could easily occur if a card were inserted across powered contact points. The contacts
remain unpowered until an edge detector determines that the card is properly aligned with the
contact points to within some acceptable (for the reader) mechanical tolerance.
When the reader detects that the card is properly inserted, power is applied to the card. First,
the contacts are brought to a coherent idle state, as shown in Table 3.4. A reset signal is then
sent to the card via the RST contact line. The idle state occurs when the power (VCC) contact
is brought up to a normal, stable operating voltage of 5V. An initial power setting of 5V is always
applied first, even though some microprocessor chips being introduced operate at 3V when in
an I/O state. The I/O contact is set to a reception mode on the reader side and a stable clock
(CLK) is applied. The reset line is in a low state. It must remain in a low state for at least 40,000
CLK cycles before a valid reset sequence can be started by the reader, raising the reset line to
a high state.
Figure 5.
Answer to Reset
7.0.2
Data Transfer
Data transfer between the reader and the card occurs through the concerted action of two of
the contact lines: CLK and I/O. The I/O line conveys a single bit of information per unit of time
as defined by the CLK depending on its voltage relative to GND. A 1 bit can be conveyed either
through a +5V value or through a 0V value. The actual convention used is determined by the
card and is conveyed to the reader through the "initial character" of the ATR, which is
referenced as TS. To transfer 1 byte of information, 10 bits are actually moved across the I/O
line; the first is always a "start bit" and the last is always a parity bit used to convey even parity.
Considering that the I/O line can be (in one bit period) either in a high (H) state or a low (L)
state, the TS character of the form HLHHLLLLLLH signals that the card wants to use the
"inverse convention," meaning that H corresponds to a 0 and L corresponds to a 1. A TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com