Electronic Components Datasheet Search
  English  ▼

X  

AN2284 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 22Page - STMicroelectronics AN2284 Datasheet HTML 23Page - STMicroelectronics AN2284 Datasheet HTML 24Page - STMicroelectronics AN2284 Datasheet HTML 25Page - STMicroelectronics AN2284 Datasheet HTML 26Page - STMicroelectronics AN2284 Datasheet HTML 27Page - STMicroelectronics AN2284 Datasheet HTML 28Page - STMicroelectronics AN2284 Datasheet HTML 29Page - STMicroelectronics AN2284 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
7 ISO 7816-3 - Electronic Signal and Transmission Protocol
AN2284
26/40
This command (as the name suggests) puts information into a data object on the card. As with
the previous command, this is a card-specific command.
7.2.4
The Security API
Each component of the file system on a smart card has an associated list of access properties.
The access properties ensure that only authorized parties are allowed to access the particular
component of the file system. The authentication can be simple, such as requiring the reader to
provide a predefined personal identification number (PIN). Alternatively, it may be more
complicated, such as requiring the reader to prove that it possess some shared secret with the
card (e.g. a key) by encrypting or decrypting a string of bytes provided by the card.
A few of the functions provided by the security API are briefly discussed below.
Verify:
This command is sent by the application on the reader side to the security system on the card.
Its purpose is to convince the card that the reader knows a password maintained by the card in
order to restrict access to sensitive information stored on the card. The password-type
information may be associated with a specific file or to some or all of the file hierarchy. If the
Verify command fails i.e. the reader provides an incorrect password, an error is returned to the
reader.
Internal Authenticate:
This command allows the card to authenticate itself to the reader by proving that it possesses a
secret key shared with the reader. The reader application software first generates a random
number and encrypts it with some algorithm known to both card and reader. This constitutes a
challenge to the card. The card then decrypts this challenge with the secret key (that is stored
on the card) and sends the resulting data back to the reader. If the data received by the reader
matches the random number that it generated then the reader application software is assured
of the identity of the card.
External Authenticate:
This command is used in conjunction with the Get Challenge command to enable the reader
application software to authenticate itself to the card. The reader receives challenge data (a
random number) from the card and encrypts it with a secret key. This is then sent to the card
using the External Authenticate command. The card decrypts the data and compares it to the
random number that it generated in the previous Get Challenge command. If there is a match,
then the card is assured of the identity of the reader application.
Get Challenge:
This command is sent by the reader to the card. Its purpose is to provide the reader application
with a random number generated by the smart card. As previously described, this number is
used in the External Authenticate command.
Manage Channel:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com