Electronic Components Datasheet Search
  English  ▼

X  

AN2284 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 31Page - STMicroelectronics AN2284 Datasheet HTML 32Page - STMicroelectronics AN2284 Datasheet HTML 33Page - STMicroelectronics AN2284 Datasheet HTML 34Page - STMicroelectronics AN2284 Datasheet HTML 35Page - STMicroelectronics AN2284 Datasheet HTML 36Page - STMicroelectronics AN2284 Datasheet HTML 37Page - STMicroelectronics AN2284 Datasheet HTML 38Page - STMicroelectronics AN2284 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AN2284
10 SC Reader Example
35/40
10
SC Reader Example
An example is provided in conjunction with the smart card library in order to help the user to
develop its custom application.
The example provides simple operations with a smart card such as file system exploration, files
and directories creation, read/write operation on files and pin verify on protected files.
10.1
Firmware Package Description
The
STR71x_SClib_ v02 firmware package contains both the smart card library and the
example described in this section.
Figure 11. shows the directory tree. It consists of three main directories:
Figure 11. Firmware Package: Directory Tree
Table 7.
Firmware Package: Directories Description
To run the example open the STR7_SC.prj file in the SmartCard_Example/realview directory.
10.2
Firmware Description
Three directories have been defined for the smart card directory tree:
MasterRoot[3]={0x3f,0x00,MF};
PrivateDir[3]={0xCA,0x00,DF};
Directory
Description
71x_lib
It contains STR71xx lib files
SCF
It contains the scatter files
SmartCard_Example
It contains:
- main.c, 71x_it.c and 71x_conf.h files
- realview project



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40