Electronic Components Datasheet Search
  English  ▼

X  

AN2471 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2471
Description  STMAV335 has three sets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2471 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2471 Datasheet HTML 3Page - STMicroelectronics AN2471 Datasheet HTML 4Page - STMicroelectronics AN2471 Datasheet HTML 5Page - STMicroelectronics AN2471 Datasheet HTML 6Page - STMicroelectronics AN2471 Datasheet HTML 7Page - STMicroelectronics AN2471 Datasheet HTML 8Page - STMicroelectronics AN2471 Datasheet HTML 9Page - STMicroelectronics AN2471 Datasheet HTML 10Page - STMicroelectronics AN2471 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN2471
PCB layout recommendation
7/12
3
PCB layout recommendation
For the purpose of maintaining 75
Ω track for all the analog lines, a 4-layer structure is
recommended. All the analog tracks are routed on the top and bottom layers of the board.
The middle two layers are used for both analog and digital ground.
The middle two layers are identical and separated into two sections, analog and digital
grounds. They are separated by a slot area and are only connected at the top layer through
ferrite bead. This ensures the digital noise will not get coupled to the analog portion.
All the analog tracks are referenced to the analog ground and all the digital tracks are
referenced to the digital ground. In this evaluation board SEL1&SEL2, that in the actual
system would come from the digital portion of the system, are included in the analog
portion. Since these two select digital lines will be mostly static during operation, it will not
cause any disruption to the analog portion.
STMAV335 supply is connected to VCC5V analog and GND analog. To further guarantee
the stability of STMAV335 supply, a 100 nF capacitor is used to decouple the VCC pin and
should be placed as close as possible to the pin. The stability of the analog supply lines is of
significant importance since the bias level of STMAV335 is referenced to it. Any instability on
the analog supply will affect the switch characteristics.
Each set of video signals, RGB, YPbPr, and YC (S-VIDEO) are routed with the same track
length. This will guarantee minimum channel-to-channel delay that will lead to minimum
display distortion.
Figure 2.
Recommended board stack-up for 75
Ω impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com