Electronic Components Datasheet Search
  English  ▼

X  

AN2471 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2471
Description  STMAV335 has three sets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2471 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2471 Datasheet HTML 1Page - STMicroelectronics AN2471 Datasheet HTML 2Page - STMicroelectronics AN2471 Datasheet HTML 3Page - STMicroelectronics AN2471 Datasheet HTML 4Page - STMicroelectronics AN2471 Datasheet HTML 5Page - STMicroelectronics AN2471 Datasheet HTML 6Page - STMicroelectronics AN2471 Datasheet HTML 7Page - STMicroelectronics AN2471 Datasheet HTML 8Page - STMicroelectronics AN2471 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN2471
Evaluation board
3/12
1
Evaluation board
The STMAV335 evaluation board provides the customer with straightforward evaluation on
the performance and the typical use of the switch in the real system.
The boards include an STMAV335 switch, video input and output connectors, jumper for
setting the control lines status, and a power supply portion.
1.1
Power supply
The board can be powered either directly from a DC power supply or from a DC adaptor. If it
is powered from a DC power supply, 5VDC is connected to the power socket labeled
VCC5V and the ground is connected to the power socket labeled GND. The board can also
be powered from a DC adaptor having output voltage of 7 V to 15 V. The DC adaptor voltage
will be regulated to 5 V by the on-board regulator. The DC adaptor can be center positive or
negative and it should be connected to the DC JACK.
To prevent digital noise from coupling to the analog lines, the power distribution is separated
from digital and analog sections. Though STMAV335 has also two digital lines, which are
SEL1 and SEL2, it should still be powered from the analog supply. The reason is because its
main function is to switch analog signals and those two digital lines are mostly static during
operation. Hence the analog lines will not be disturbed by the digital part and as such, there
is no need to have a separate analog and digital supply for STMAV335.
The analog and digital sections on the board are isolated by ferrite beads.
Note:
External power can be applied to either VCC5V/GND or DC JACK, but not to both.
Table 1.
Power connector
Designator
Notes
VCC5V
Connect to 5 V of external power supply.
GND
Connect to ground of external power supply.
DC JACK
Connect to DC adaptor output if the board is to be
powered from DC adaptor.
Input Voltage: 7 to 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com