Electronic Components Datasheet Search
  English  ▼

X  

AN2471 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2471
Description  STMAV335 has three sets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2471 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2471 Datasheet HTML 1Page - STMicroelectronics AN2471 Datasheet HTML 2Page - STMicroelectronics AN2471 Datasheet HTML 3Page - STMicroelectronics AN2471 Datasheet HTML 4Page - STMicroelectronics AN2471 Datasheet HTML 5Page - STMicroelectronics AN2471 Datasheet HTML 6Page - STMicroelectronics AN2471 Datasheet HTML 7Page - STMicroelectronics AN2471 Datasheet HTML 8Page - STMicroelectronics AN2471 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Video input & output ports
AN2471
4/12
2
Video input & output ports
STMAV335 can switch three sets of video input to a single set of video output. On the
evaluation board, the three sets of video input are:
1.
RGB (VGA port)
2.
YPbPr (3 RCA connector)
3.
CVBS (RCA connector) & S-VIDEO ( S-connector)
In the real system, the outputs of STMAV335 are directly connected to the video receiver.
However for the STMAV335 evaluation board, each output line branches to three signal
lines. The reason for this is because each set of different video signal has a different type of
connector. During evaluation, each output line should be branched and be connected to a
different video connector on the display unit back panel by a cable.
To avoid any PCB trace stub, the 1 to 3 branching of each output line cannot be shorted on
the board. The branching of the output line is done by a zero ohm resistor. Depending on
which particular set of video signal is active, the zero ohm resistors should be soldered such
that the output of STMAV335 is connected to the right video output connector.
Note:
SEL1
→ JP9, SEL2 → JP10, OPEN = '1' & CLOSE = '0'
2.1
Video input conditioning
The blanking level might vary between different video transmitters. This STMAV335
evaluation board can handle video signals with blanking level of 0V to 2.5 V.
If video signal blanking levels are outside the above range, some input conditioning should
be done to modify the blanking level to the range specified.
Table 2.
Evaluation board video input & output
Input
Output
SEL
0
Ω Jumper output
RGB (VGA_IN)
RGB (VGA_OUT)
SEL1 = ‘1’
SEL2 = ‘0’
J11 = ‘R’
J12 = ‘G’
J13 = ‘B’
Y (Y_IN)
Pb (Pb_IN)
Pr (Pr_IN)
Y (Y_OUT)
Pb (Pb_OUT)
Pr (Pr_OUT)
SEL1 = ‘0’
SEL2 = ‘1’
J11 = ‘Y’
J12 = ‘Pb’
J13 = ‘Pr’
CVBS (CVBS_IN)
S-VIDEO
(S VIDEO_IN)
CVBS (CVBS_OUT)
S-VIDEO
(S VIDEO_OUT)
SEL1 = ‘0’
SEL2 = ‘0’
J11 = ‘CVBS’
J12 = ‘Y(S)’
J13 = ‘C’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com