Electronic Components Datasheet Search
  English  ▼

X  

LT1572 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1572
Description  100kHz, 1.25A Switching Regulator with Catch Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1572 Datasheet(HTML) 2 Page - Linear Technology

  LT1572 Datasheet HTML 1Page - Linear Technology LT1572 Datasheet HTML 2Page - Linear Technology LT1572 Datasheet HTML 3Page - Linear Technology LT1572 Datasheet HTML 4Page - Linear Technology LT1572 Datasheet HTML 5Page - Linear Technology LT1572 Datasheet HTML 6Page - Linear Technology LT1572 Datasheet HTML 7Page - Linear Technology LT1572 Datasheet HTML 8Page - Linear Technology LT1572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1572
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
Supply Voltage (Note 4).......................................... 40V
Switch Output Voltage (Note 4) .............................. 60V
Feedback Pin Voltage (Transient, 1ms) ................
±15V
Operating Junction Temperature Range
Operating .............................................. 0
°C to 100°C
Short Circuit ......................................... 0
°C to 125°C
Storage Temperature Range ............... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
DIODE
Average Forward Current .......................................... 1A
Peak Repetitive Forward Current .............................. 2A
Peak Non-Repetitive Forward Current ....................... 3A
Peak Repetitive Reverse Voltage ............................. 20V
Continuous (Average) Reverse Voltage .................. 15V
Operating Junction Temperature ......................... 125
°C
Note 1: Minimum effective switch “on” time for the LT1572 (in current
limit only) is
≈ 0.6µs. This limits the maximum safe input voltage during
an output shorted condition. Buck mode and inverting mode input voltage
during an output shorted condition is limited to:
VIN (max, output shorted) = 15V +
buck and inverting mode
R = Inductor DC resistance
IL = 2.5A
Vf = Output catch diode forward voltage at IL
t = 0.6
µs, f = 100kHz switching frequency
ORDER PART
NUMBER
LT1572CS
R
× IL + Vf
t
× f
Maximum input voltage can be increased by increasing R or Vf.
External current limiting such as that shown in AN19, Figure 39, will
provide protection up to the full supply voltage rating. C1 in Figure 39
should be reduced to 200pF.
Transformer designs will tolerate much higher input voltages because
leakage inductance limits rate of rise of current in the switch. These
designs must be evaluated individually to assure that current limit is well
controlled up to maximum input voltage.
Boost mode designs are never protected against output shorts because
the external catch diode and inductor connect input to output.
ELECTRICAL C
C
HARA TERISTICS V
IN = 15V, VC = 0.5V, VFB = VREF, output pin open, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
Measured at Feedback Pin
1.224
1.244
1.264
V
VC = 0.8V
q
1.214
1.244
1.274
V
IB
Feedback Input Current
VFB = VREF
350
750
nA
q
1100
nA
gm
Error Amplifier
∆IC = ±25µA
3000
4400
6000
µmho
Transconductance
q
2400
7000
µmho
Error Amplifier Source or
VC = 1.5V
150
200
350
µA
Sink Current
q
120
400
µA
Error Amplifier Clamp
Hi Clamp, VFB = 1V
1.80
2.30
V
Voltage
Lo Clamp, VFB = 1.5V
0.25
0.38
0.52
V
Reference Voltage Line
3V
≤ VIN ≤ 40V
q
0.03
%/V
Regulation
VC = 0.8V
AV
Error Amplifier Voltage Gain
0.9V
≤ VC ≤ 1.4V
500
800
V/V
Minimum Input Voltage (Note 3)
q
2.6
3.0
V
IQ
Supply Current
3V
≤ VIN ≤ 40V, VC = 0.6V
6
9
mA
Consult factory for Industrial and Military grade parts.
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
*ALWAYS CONNECT BOTH ANODE
AND BOTH CATHODE PINS
TJMAX (REGULATOR) = 100°C
TJMAX (DIODE) = 125°C
SEE THERMAL MANAGEMENT SECTION FOR
θJA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
ANODE*
CATHODE*
GND
VC
FB
NC
NC
NC
ANODE*
CATHODE*
GND
E2
VSW
E1
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com