Electronic Components Datasheet Search
  English  ▼

X  

LT1572 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1572
Description  100kHz, 1.25A Switching Regulator with Catch Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1572 Datasheet(HTML) 3 Page - Linear Technology

  LT1572 Datasheet HTML 1Page - Linear Technology LT1572 Datasheet HTML 2Page - Linear Technology LT1572 Datasheet HTML 3Page - Linear Technology LT1572 Datasheet HTML 4Page - Linear Technology LT1572 Datasheet HTML 5Page - Linear Technology LT1572 Datasheet HTML 6Page - Linear Technology LT1572 Datasheet HTML 7Page - Linear Technology LT1572 Datasheet HTML 8Page - Linear Technology LT1572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1572
ELECTRICAL C
C
HARA TERISTICS V
IN = 15V, VC = 0.5V, VFB = VREF, output pin open, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Control Pin Threshold
Duty Cycle = 0
0.8
0.9
1.08
V
q
0.6
1.25
V
Normal/Flyback Threshold
0.4
0.45
0.54
V
on Feedback Pin
VFB
Flyback Reference Voltage
IFB = 50µA
15.0
16.3
17.6
V
(Note 3)
q
14.0
18.0
V
Change in Flyback Reference
0.05
≤ IFB ≤ 1mA
4.5
6.8
9
V
Voltage
Flyback Reference Voltage
IFB = 50µA
0.01
0.03
%/V
Line Regulation (Note 3)
7V
≤ VIN ≤ VMAX
Flyback Amplifier
∆IC = ±10µA
150
300
500
µmho
Transconductance (gm)
Flyback Amplifier Source
VC = 0.6V, Source
q
15
32
70
µA
and Sink Current
IFB = 50µA, Sink
q
25
40
70
µA
BV
Output Switch Breakdown
3V
≤ VIN ≤ 40V, ISW = 1.5mA
q
60
80
V
Voltage (Note 4)
VSAT
Output Switch
q
0.60
1.00
Ω
“On” Resistance (Note 1)
Control Voltage to Switch
2A/V
Current Transconductance
ILIM
Switch Current Limit
Duty Cycle = 50%, TJ ≥ 25°C
q
1.25
3.0
A
Duty Cycle = 50%, TJ < 25°C
q
1.25
3.5
A
Duty Cycle = 80% (Note 2)
q
1.00
2.5
A
∆IIN
Supply Current Increase
25
35
mA/A
∆ISW
During Switch On-Time
f
Switching Frequency
88
100
112
kHz
q
85
115
kHz
DCMAX
Maximum Switch Duty Cycle
q
80
90
95
%
Shutdown Mode
3V
≤ VIN ≤ 40V
100
250
µA
Supply Current
VC = 0.05V
Shutdown Mode
3V
≤ VIN ≤ 40V
100
150
250
mV
Threshold Voltage
q
50
300
mV
Flyback Sense Delay Time (Note 3)
1.5
µs
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage (Note 5)
If = 200mA
q
0.45
0.57
V
If = 500mA
q
0.52
0.65
V
If = 1A
q
0.55
0.70
V
Reverse Leakage (Note 5)
VR = 5V, TJ = 25°C1
5
µA
VR = 5V, TJ = 75°C
25
100
µA
VR = 20V, TJ = 25°C3
15
µA
VR = 20V, TJ = 75°C
70
300
µA
Diode Thermal Resistance
(Note 6)
90
°C/W
DIODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com