Electronic Components Datasheet Search
  English  ▼

X  

LT1572 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1572
Description  100kHz, 1.25A Switching Regulator with Catch Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1572 Datasheet(HTML) 4 Page - Linear Technology

  LT1572 Datasheet HTML 1Page - Linear Technology LT1572 Datasheet HTML 2Page - Linear Technology LT1572 Datasheet HTML 3Page - Linear Technology LT1572 Datasheet HTML 4Page - Linear Technology LT1572 Datasheet HTML 5Page - Linear Technology LT1572 Datasheet HTML 6Page - Linear Technology LT1572 Datasheet HTML 7Page - Linear Technology LT1572 Datasheet HTML 8Page - Linear Technology LT1572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1572
ELECTRICAL C
C
HARA TERISTICS V
IN = 15V, VC = 0.5V, VFB = VREF, output pin open, unless otherwise noted.
The q denotes the specifications which apply over the full operating
temperature range, 0
°C to 100°C for the regulator chip and 0°C to 125°C
for the diode.
Note 1: Measured with VC in hi clamp, VFB = 0.8V. ISW = 1A.
Note 2: For duty cycles (DC) between 50% and 80%, minimum
guaranteed switch current is given by ILIM = 0.833 (2 – DC).
Note 3: Minimum input voltage for isolated flyback mode is 7V.
Note 4: Because the catch diode has a peak repetitive reverse voltage of
20V, diode breakdown may be the limiting factor on input voltage or
switch voltage in many applications.
Note 5: See graphs for guaranteed forward voltage and reverse leakage
current over temperature. Parameters are 100% tested at 25
°C and
guaranteed at other temperatures by design and QA sampling.
Note 6: Package soldered to FR4 board with
≥1oz copper and an internal
or backside plane underneath the package to aid thermal transfer. Diode is
partly thermally coupled to regulator section. See Application Information
section for details on thermal calculations.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Reference Voltage vs Temperature
Feedback Bias Current vs
Temperature
Minimum Input Voltage
Switch Saturation Voltage
Switch Current Limit vs Duty Cycle
Line Regulation
DUTY CYCLE (%)
0
4
3
2
1
0
40
1572 G01
20 30
50 60 70 80 90 100
25
°C
125
°C
–55
°C
10
TEMPERATURE (
°C)
–75
–25
25
50
150
1572 G02
–50
0
75 100 125
2.9
2.8
2.7
2.6
2.5
2.4
2.3
SWITCH CURRENT = 0A
SWITCH CURRENT = 1.25A
SWITCH CURRENT (A)
0
2.00
1572 G03
0.25 0.50 0.75
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.00 1.25 1.50 1.75
25
°C
150
°C
–55
°C
100
°C
INPUT VOLTAGE (V)
0
10
20
30
40
1572 G04
50
5
4
3
2
1
0
–1
–2
–3
–4
–5
60
TJ = 150°C
TJ = –55°C
TJ = 25°C
TEMPERATURE (
°C)
1572 G05
1.250
1.248
1.246
1.244
1.242
1.240
1.238
1.236
1.234
–75
–25
25
50
150
–50
0
75 100 125
TEMPERATURE (
°C)
1572 G06
800
700
600
500
400
300
200
100
0
–75
–25
25
50
150
–50
0
75 100 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com