Electronic Components Datasheet Search
  English  ▼

X  

LT1674 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1674
Description  Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1674 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1674 Datasheet HTML 4Page - Linear Technology LT1674 Datasheet HTML 5Page - Linear Technology LT1674 Datasheet HTML 6Page - Linear Technology LT1674 Datasheet HTML 7Page - Linear Technology LT1674 Datasheet HTML 8Page - Linear Technology LT1674 Datasheet HTML 9Page - Linear Technology LT1674 Datasheet HTML 10Page - Linear Technology LT1674 Datasheet HTML 11Page - Linear Technology LT1674 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1672/LT1673/LT1674
Start-Up Characteristics
Micropower op amps are sometimes not micropower
during start-up, wreaking havoc on low current supplies.
In the worst case, there may not be enough supply current
available to take the system up to nominal voltages. Figure
1 is a graph of LT1673 supply current vs supply voltage
for the three limit cases of input offset that could occur
during start-up. The circuits are shown in Figure 2. One
circuit creates a positive offset, forcing the output to come
up saturated high. Another circuit creates a negative
offset, forcing the output to come up saturated low, while
the last brings up the output at half supply. In all cases, the
supply current is well behaved. Supply current is highest
with the output forced high, so if one amplifier is unused,
it is best to force the output low or at half supply.
APPLICATIO S I FOR ATIO
TOTAL SUPPLY VOLTAGE (V)
0
5
4
3
2
1
0
4
1672/3/4 FO1
1
2
3
5
OUTPUT VS/2
OUTPUT HIGH
OUTPUT LOW
Figure 1. Start-Up Characteristics
16/2/3/4 F02
OUTPUT HIGH
V+
V–
V–
V–
V+
V+
–
+
OUTPUT AT VS/2
–
+
OUTPUT LOW
–
+
820k
200k
Figure 2. Circuits for Start-Up Characteristics
Reverse Battery
The LT1672/LT1673/LT1674 are protected against reverse
battery voltages up to 18V. In the event a reverse battery
condition occurs, the supply current is typically less than
100nA (inputs grounded and outputs open). For typical
single supply applications with ground referred loads and
feedback networks, no other precautions are required. If
the reverse battery condition results in a negative voltage
at either the input pins or output pin, the current into the
pin should be limited by an external resistor to less than
10mA.
Inputs
While the LT1672/LT1673/LT1674 will function normally
with its inputs taken above the positive supply, the com-
mon mode range does not extend beyond approximately
300mV below the negative supply at room temperature.
Small-Signal Response
Small-Signal Response
Large-Signal Response
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15V
CL = 100pF
AV = 5
VS = 5V
CL = 100pF
AV = 5
VS = 5V
CL = 100pF
AV = 5
1672/3/4 G19
1672/3/4 G20
1672/3/4 G21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com