Electronic Components Datasheet Search
  English  ▼

X  

LT1674 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1674
Description  Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1674 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1674 Datasheet HTML 2Page - Linear Technology LT1674 Datasheet HTML 3Page - Linear Technology LT1674 Datasheet HTML 4Page - Linear Technology LT1674 Datasheet HTML 5Page - Linear Technology LT1674 Datasheet HTML 6Page - Linear Technology LT1674 Datasheet HTML 7Page - Linear Technology LT1674 Datasheet HTML 8Page - Linear Technology LT1674 Datasheet HTML 9Page - Linear Technology LT1674 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1672/LT1673/LT1674
TYPICAL PERFORMANCE CHARACTERISTICS
Output Saturation Voltage
vs Load Current (Output Low)
Input Bias Current
vs Common Mode Voltage
Output Saturation Voltage
vs Load Current (Output High)
Noise Current Spectrum
Gain and Phase Shift
vs Frequency
Noise Voltage Spectrum
LOAD CURRENT (
µA)
0.1
10
100
1000
10
1
1000
100
1672/3/4 G04
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
LOAD CURRENT (
µA)
0.1
10
100
1000
10
1
1000
100
1672/3/4 G05
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
COMMON MODE VOLTAGE (V)
0
100
200
300
8
1672/3/4 G06
1.5
0.5
– 0.5
2
4
6
1
–1
9
3
5
7
10
VS = 5V, 0V
TA = 85°C
TA = 85°C
TA = 25°C
TA = –40°C
TA = –40°C
TA = 25°C
FREQUENCY (Hz)
1
0
50
100
150
200
300
10
100
1672/3/4 G08
250
VS = ±2.5V
FREQUENCY (Hz)
1
0
20
40
60
80
10
100
1672/3/4 G09
100
VS = ±2.5V
Distribution of Input
Offset Voltage
Supply Current vs Temperature
Minimum Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
1
100
150
200
5
1672/3/4 G03
50
–50
0
2
3
4
TA = 85°C
TA = –40°C
TA = 25°C
TEMPERATURE (
°C)
–40
3.0
2.5
2.0
1.5
1.0
0.5
0
20
60
1672/3/4 G02
–20
0
40
80
100
VS = ± 2.5V
VS = ±15V
INPUT OFFSET VOLTAGE (
µV)
–400
20
18
16
14
12
10
8
6
4
2
0
–200
0
100
1672/73/74 G01
–300
–100
200 300
400
VS = 5V, 0V
LT1672/73/74
5600 AMPLIFIERS
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
–10
120
100
80
60
40
20
0
–20
–40
–60
–80
1k
10k
1672/3/4 G07
PHASE
GAIN
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com