Electronic Components Datasheet Search
  English  ▼

X  

LT1674 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1674
Description  Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1674 Datasheet(HTML) 4 Page - Linear Technology

  LT1674 Datasheet HTML 1Page - Linear Technology LT1674 Datasheet HTML 2Page - Linear Technology LT1674 Datasheet HTML 3Page - Linear Technology LT1674 Datasheet HTML 4Page - Linear Technology LT1674 Datasheet HTML 5Page - Linear Technology LT1674 Datasheet HTML 6Page - Linear Technology LT1674 Datasheet HTML 7Page - Linear Technology LT1674 Datasheet HTML 8Page - Linear Technology LT1674 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1672/LT1673/LT1674
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
200
575
µV
MS8 Package
200
675
µV
IB
Input Bias Current
25
1000
pA
IOS
Input Offset Current
20
100
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 100k
100
360
V/mV
Input Voltage Range
– 15
21
V
CMRR
Common Mode Rejection Ratio
VCM = – 15V to 14V
100
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
96
120
dB
VOL
Output Voltage Swing LOW
RL = 1M
–14.85
–14.70
V
RL = 100k
–14.75
–14.50
V
VOH
Output Voltage Swing HIGH
RL = 1M
14.78
14.89
V
RL = 100k
14.62
14.81
V
ISC
Short-Circuit Current
0.7
1.5
mA
IS
Supply Current per Amplifier
1.9
2.8
µA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V
q
200
475
µV
VS = 3V
q
250
575
µV
VS = 5V, MS8 Package
q
200
575
µV
VS = 3V, MS8 Package
q
250
675
µV
VOS TC
Input Offset Voltage Drift
(Note 4)
q
0.4
2
µV/°C
IB
Input Bias Current
(Note 5)
q
250
1700
pA
VCM = 10V (Note 6)
q
275
750
nA
IOS
Input Offset Current
(Note 5)
q
20
170
pA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.25V to 4.5V, RL = 100k
q
55
215
V/mV
VS = 3V, VO = 0.25V to 2.5V, RL = 100k
q
30
115
V/mV
Input Voltage Range
q
0.2
36
V
CMRR
Common Mode Rejection Ratio
VCM = 0.2V to 4V, VS = 5V
q
88
106
dB
VCM = 0.2V to 10V, VS = 5V
q
62
75
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12V, VCM = VO = 0.5V
q
88
99
dB
Minimum Operating Supply Voltage
q
2.6
2.7
V
VOL
Output Voltage Swing LOW
No Load
q
60
120
mV
ISINK = 100µA
q
245
490
mV
VOH
Output Voltage Swing HIGH
No Load
q
V+ – 0.10
V+ – 0.05
mV
ISOURCE = 100µA
q
V+ – 0.38
V+ – 0.19
mV
ISC
Short-Circuit Current
(Note 5)
q
0.4
0.9
mA
IS
Supply Current per Amplifier
(Note 6)
q
2.1
3.1
µA
The q denotes the specifications which apply over the temperature range of – 40
°C ≤ TA ≤ 85°C. VS = 5V, 0V; VS = 3V, 0V;
VCM = VO = half supply, unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±15V, VCM = VO = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com