Electronic Components Datasheet Search
  English  ▼

X  

LT5520 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5520
Description  1.3GHz to 2.3GHz High Linearity Upconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5520 Datasheet(HTML) 3 Page - Linear Technology

  LT5520 Datasheet HTML 1Page - Linear Technology LT5520 Datasheet HTML 2Page - Linear Technology LT5520 Datasheet HTML 3Page - Linear Technology LT5520 Datasheet HTML 4Page - Linear Technology LT5520 Datasheet HTML 5Page - Linear Technology LT5520 Datasheet HTML 6Page - Linear Technology LT5520 Datasheet HTML 7Page - Linear Technology LT5520 Datasheet HTML 8Page - Linear Technology LT5520 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT5520
3
5520f
RF OUTPUT FREQUENCY (MHz)
1300
1300
18
16
14
12
10
8
6
4
2
0
–2
–4
2300
2100
5520 • GO3
1500
1700
1900
2500
RF OUTPUT FREQUENCY (MHz)
1500
2300
1700
1900
2100
2500
RF OUTPUT FREQUENCY (MHz)
1300
1500
2300
1700
1900
2100
2500
32
30
28
26
24
22
20
18
16
14
12
5520 • GO4
–10
–20
–30
–40
–50
–60
5520 • GO5
SUPPLY VOLTAGE (V)
4.0
4.25
4.5
5.0
4.75
5.25
5.5
4.0
4.25
4.5
5.0
4.75
5.25
5.5
5520 • GO1
66
64
62
60
58
56
54
52
50
SUPPLY VOLTAGE (V)
5520 • GO2
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA = –40°C
TA = 85°C
TA = 25°C
HIGH SIDE LO
HIGH SIDE LO
HIGH SIDE LO
HIGH SIDE LO
LOW SIDE AND HIGH SIDE LO
LOW SIDE LO
LOW SIDE LO
LOW SIDE LO
LOW SIDE LO
SSB NF
GAIN
IIP2
IIP3
55
50
45
40
35
30
25
20
15
10
5
TA = 85°C
TA = 25°C
TA = –40°C
(Test Circuit Shown in Figure 2) VCC = 5VDC, EN = High , TA = 25°C (Note 3), unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: External components on the final test circuit are optimized for
operation at fRF = 1900MHz, fLO = 1.76GHz and fIF = 140MHz.
Note 3: Specifications over the –40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 4: Turn-On and Turn-Off times are based on the rise and fall times of
the RF output envelope from full power to –40dBm with an IF input power
of –10dBm.
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current
vs Supply Voltage
Shutdown Current
vs Supply Voltage
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Enable = High (On)
3VDC
Enable = Low (Off)
0.5
VDC
Power Supply Requirements (VCC)
Supply Voltage
4.5 to 5.25
VDC
Supply Current
VCC = 5VDC
60
70
mA
Shutdown Current
EN = Low
1
100
µA
Conversion Gain and SSB Noise
Figure vs RF Output Frequency
IIP3 and IIP2
vs RF Output Frequency
LO-RF Leakage
vs RF Output Frequency
VCC = 5VDC, EN = High, TA = 25°C, IF input = 140MHz at –10dBm, LO input = 1.76GHz at –5dBm, RF output measured at 1900MHz,
unless otherwise noted. For 2-tone inputs: 2nd IF input = 141MHz at –10dBm. (Test Circuit Shown in Figure 2.)
(Test Circuit Shown in Figure 2)
DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com